Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AP2N65MSI

  • AI
    The **AP2N65MSI** is a high-voltage N-channel enhancement mode power MOSFET. It is commonly used in power switching applications where efficiency and high voltage endurance are critical. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the AP2N65MSI: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 650 | V | | Continuous Drain Current | $I_D$ | 2.0 | A | | Gate-Source Voltage | $V_{GSS}$ | $\pm$30 | V | | Static Drain-Source On-Resistance | $R_{DS(on)}$ | 4.4 - 5.0 | $\Omega$ | | Pulsed Drain Current | $I_{DM}$ | 8 | A | | Total Gate Charge | $Q_g$ | 10 | nC | --- ### 2. Functional Features * **High Voltage Rating:** With a 650V breakdown voltage, it is suitable for AC-DC power supplies connected to global mains voltages (110V - 240V). * **Fast Switching:** Low gate charge ($Q_g$) allows for rapid transitions, reducing switching losses in high-frequency circuits. * **Robustness:** Designed to handle high-stress environments with reliable avalanche characteristics. * **Packaging:** Usually comes in small-footprint packages (like **TO-251** or **TO-252/D-PAK**), making it ideal for compact electronic designs. --- ### 3. Pin Configuration The device typically follows the standard MOSFET pinout: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Drain (D):** Connected to the high-voltage load. 3. **Source (S):** Usually connected to the ground or sense resistor. --- ### 4. Common Applications The AP2N65MSI is versatile and can be found in various power-related circuits: * **LED Lighting Drivers:** Used as a switch in constant current regulators. * **Adapters & Chargers:** Found in low-power mobile phone chargers or laptop adapters. * **Flyback Converters:** Acts as the primary side switch in Switched-Mode Power Supplies (SMPS). * **Power Factor Correction (PFC):** Used in stages that improve the efficiency of power consumption. --- ### 5. Schematic Symbol (Example) ```text Drain (D) | +----+----+ | | | Gate--| |<--+ (Body Diode) (G) | | | +----+----+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the AP2N65MSI?
    • ⤷ How does the RDS(on) value affect the thermal performance of this MOSFET?
    • ⤷ What is the recommended gate drive voltage for optimal switching?