Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AP9N20HD

  • AI
    ## Technical Overview of the AP9N20HD The **AP9N20HD** is an N-channel enhancement mode Power MOSFET designed for high-speed switching applications. It is commonly utilized in power management circuits due to its high voltage rating and efficient thermal performance. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the AP9N20HD: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 200V | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$ 20V | | **Continuous Drain Current** | $I_D$ | 9A | | **Pulsed Drain Current** | $I_{DM}$ | 36A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 0.35 $\Omega$ (typ) | | **Total Power Dissipation** | $P_D$ | 60W | | **Operating Temperature** | $T_j$ | -55 to +150 °C | --- ### 2. Physical and Packaging Information The AP9N20HD is typically housed in a **TO-252 (D-PAK)** package, which is a surface-mount device designed for applications requiring high power density and efficient heat dissipation. * **Pin Configuration:** 1. **Gate:** Controls the conductivity of the channel. 2. **Drain:** Connected to the load (positive supply side). 3. **Source:** Connected to the common ground or negative side. --- ### 3. Application Areas Because of its high voltage handling and fast switching speed, this MOSFET is found in: * **DC-DC Converters:** For stepping voltage up or down in electronic devices. * **Motor Controllers:** Providing efficient power to small and medium-sized DC motors. * **UPS Systems:** Uninterruptible Power Supplies where rapid switching is required. * **LED Lighting Drivers:** Used in high-voltage string drivers. --- ### 4. Important Considerations for Design * **Thermal Management:** With a power dissipation of 60W, adequate PCB copper traces or external heatsinking are necessary to prevent thermal runaway. * **Gate Driving:** To achieve the low $R_{DS(ON)}$ specified, a gate voltage ($V_{GS}$) of at least 10V is recommended. * **Protection:** It is advisable to use a Zener diode or a snubber circuit to protect the gate and drain from voltage spikes in inductive load applications.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent or alternative MOSFETs for the AP9N20HD?
    • ⤷ How do I calculate the heat sink requirements for a 60W power dissipation?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?