Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • API-4260-LW150-2-R

  • AI
    The **API-4260-LW150-2-R** is a high-performance piezoelectric audio transducer (buzzer) manufactured by **PUI Audio**. It is designed for applications requiring high sound pressure levels and durability. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Piezo Indicator (Internal Circuitry) | | **Operating Voltage** | 6 ~ 18 VDC | | **Rated Voltage** | 12 VDC | | **Current Consumption** | Max 45 mA @ 12 VDC | | **Sound Pressure Level (SPL)** | 100 dB @ 12 VDC (at 10 cm) | | **Resonant Frequency** | 2,600 Hz ± 500 Hz | | **Tone** | Continuous | | **Mounting Type** | Flange Mount / Lead Wires | | **Termination** | 150mm Lead Wires (26 AWG) | --- ### 2. Internal Electronic Design Unlike a simple piezo element that requires an external AC signal to vibrate, the **API-4260-LW150-2-R** is an **Indicator**. * **Integrated Driver Circuit:** It contains an internal oscillator. When a DC voltage (6-18V) is applied, the internal circuit automatically converts it into the specific frequency needed to drive the piezo ceramic disk. * **Piezoelectric Ceramic Disk:** This is the heart of the device. It uses the piezoelectric effect, where electrical energy is converted into mechanical vibration, creating sound waves. * **Housing/Resonator:** The plastic casing is engineered as a Helmholtz resonator to amplify the 2.6 kHz frequency, achieving the high 100 dB output. --- ### 3. Connection and Integration The part is identified by its wiring and physical orientation: * **LW150:** Indicates 150mm long lead wires for flexible placement. * **Polarity:** The wires are typically color-coded (Red for Positive, Black for Negative). Reversing polarity will prevent the internal circuit from functioning but usually won't damage the device at rated voltages. * **Mounting:** The "Flange" design allows for secure screw-mounting to a chassis or bulkhead, which is critical in high-vibration environments. --- ### 4. Common Applications * **Industrial Alarms:** High decibel output makes it suitable for noisy factory floors. * **Security Systems:** Used in control panels for audible entry/exit delays. * **Medical Equipment:** Reliable notification for patient monitoring devices. * **Transportation:** Warning signals for heavy machinery or vehicle dashboards.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption difference between this piezo indicator and an electromagnetic buzzer?
    • ⤷ Can this device be used with PWM to change the volume?
    • ⤷ What are the environmental protection ratings (IP rating) for this specific PUI Audio model?