Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • API9221

  • AI
    The **API9221** (often associated with the **AIP9221** or similar LED driver variations) is a high-performance, constant-current LED driver IC designed specifically for driving LED displays or decorative lighting strips. It is commonly used in applications requiring high grayscale resolution and reliable data transmission. --- ## 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the API9221: | Parameter | Value / Range | | :--- | :--- | | **Operating Voltage (VCC)** | 3.3V to 5.5V | | **Output Channels** | 3 Channels (Red, Green, Blue) | | **Output Current** | Constant current, typically up to 20-30mA per channel | | **Grayscale Control** | 8-bit to 12-bit (depending on specific model variant) | | **Data Protocol** | Single-wire or Two-wire serial interface | | **Clock Frequency** | Supports high-speed data (up to 20MHz-30MHz) | --- ## 2. Main Functional Components The IC is integrated with several internal electronic stages to manage power and data efficiently: ### A. Constant Current Driver The API9221 utilizes an internal constant current source. This ensures that the brightness of the LEDs remains uniform even if there are slight fluctuations in the supply voltage or variations in the LED forward voltage ($V_f$). ### B. Shift Register & Data Latch * **Shift Register:** Receives serial data from a microcontroller (like an Arduino or ESP32). * **Latch:** Once the data for all pixels is received, the latch signal triggers the update of the output, preventing flickering during the data transmission process. ### C. PWM (Pulse Width Modulation) Controller The chip converts the digital color values into PWM signals. By switching the LEDs on and off very rapidly, it creates the illusion of dimming and allows for millions of color combinations. --- ## 3. Pinout Configuration (Standard SOP-8/DIP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference | | 2 | **DIN** | Data input signal | | 3 | **DCLK** | Clock signal input | | 4 | **SET** | Current adjustment (via external resistor) | | 5 | **OUTR** | Red LED output (Open drain) | | 6 | **OUTG** | Green LED output (Open drain) | | 7 | **OUTB** | Blue LED output (Open drain) | | 8 | **VCC** | Power supply input | --- ## 4. Typical Application Circuit When designing a PCB with the API9221, the following components are usually required: * **Decoupling Capacitor:** A $0.1\mu F$ ceramic capacitor between VCC and GND to filter high-frequency noise. * **Current Limiting Resistor:** A resistor connected to the `SET` pin to define the maximum current flowing through the LEDs. * **Protection Resistor:** Often a $33\Omega$ to $100\Omega$ resistor is placed on the $DIN$ line to prevent signal reflection over long traces. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between API9221 and the WS2812B LED driver?
    • ⤷ How do I calculate the 'SET' resistor value for a specific output current?
    • ⤷ Can the API9221 be used with 12V LED strips?