Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APL0120-R

  • AI
    ## Overview of the APL0120-R The **APL0120-R** is a specific integrated circuit (IC) primarily used in power management applications. It belongs to a family of **Linear Voltage Regulators** (often Low Dropout, or LDO) designed to provide a stable output voltage from a higher input source, specifically optimized for motherboard and peripheral power requirements. --- ### Technical Specifications Below are the typical electronic characteristics associated with the APL0120 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Linear Voltage Regulator (LDO) | | **Input Voltage Range** | 1.2V to 5.5V | | **Maximum Output Current** | 2.0A (Continuous) | | **Dropout Voltage** | ~300mV @ 2A | | **Package Type** | SOP-8 / SOP-8P (Exposed Pad) | | **Protection Features** | Thermal Shutdown, Current Limit | --- ### Key Internal Components & Features The APL0120-R consists of several internal electronic stages that ensure precise voltage delivery: 1. **Pass Element (N-Channel MOSFET):** * Unlike older regulators that use bipolar transistors, this IC uses a power MOSFET to handle the current flow, which allows for a much lower dropout voltage. 2. **Error Amplifier:** * This compares the internal reference voltage with the actual output voltage. It adjusts the gate of the MOSFET to correct any discrepancies. 3. **Voltage Reference (Bandgap):** * A temperature-compensated circuit that provides a highly stable "target" voltage. 4. **Soft-Start Circuitry:** * Internal mechanisms prevent large current spikes when the device is first turned on, protecting the load. --- ### Typical Pin Configuration (SOP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Main input power source. | | 2 | **VCNTL** | Control voltage (often higher than VIN to drive the MOSFET gate). | | 3 | **EN** | Enable pin (High = On, Low = Shutdown). | | 4 | **POK** | Power OK indicator (Open-drain output). | | 5 | **FB** | Feedback pin used to set/monitor the output voltage. | | 6 | **VOUT** | Regulated output voltage. | | 7 | **GND** | Ground reference. | | 8 | **NC/PAD** | No connection or Thermal Pad for heat dissipation. | --- ### Applications * **Motherboards:** Powering the Northbridge/Southbridge or DDR memory terminations. * **Graphics Cards:** Providing stable low-voltage rails for GPU logic. * **Set-top Boxes:** General low-noise power regulation. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the APL0120 and a standard LM1117 regulator?
    • ⤷ How do you calculate the resistor values for the Feedback (FB) pin on this IC?
    • ⤷ What are the thermal considerations for using the APL0120-R at its maximum 2A current?