Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APL0146-R

  • AI
    Based on technical specifications and industry databases, the **APL0146-R** is an integrated circuit (IC) primarily used in Apple hardware (such as iPhones and iPads). It is categorized as a **Power Management Integrated Circuit (PMIC)** or a specialized **Buck-Boost Converter / Power Supply controller**. --- ### ## Technical Overview The APL0146-R is a proprietary chip designed by Apple (often manufactured by partners like Dialog Semiconductor or TSMC). Its primary role is to regulate voltage and manage the distribution of power to critical components like the CPU, memory, or display. ### ### Key Specifications & Characteristics | Feature | Specification / Description | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) | | **Common Application** | iPhone Logic Boards (e.g., iPhone 6/6 Plus era) | | **Package Type** | BGA (Ball Grid Array) | | **Function** | Voltage regulation, DC-DC conversion, Power sequencing | | **Control Interface** | Usually controlled via I2C or SPMI bus by the Application Processor | --- ### ## Electronic Functions The APL0146-R performs several critical electronic tasks within a mobile device architecture: 1. **Step-Down Conversion (Buck):** It takes the high voltage from the Lithium-ion battery (approx. 3.8V) and steps it down to lower voltages (e.g., 0.9V, 1.1V, 1.8V) required by the processor. 2. **Power Sequencing:** It ensures that different rails of the motherboard turn on in a specific order to prevent hardware damage. 3. **Thermal Protection:** It monitors its own temperature and can shut down or throttle power if it detects an overheat condition. 4. **Current Regulation:** It protects delicate downstream components from current spikes. ### ### Typical Circuitry Context In a repair or engineering context, you will find this chip surrounded by: * **Inductors (Coils):** Used for energy storage during the DC-DC conversion process. * **Filter Capacitors:** Large arrays of SMD capacitors to smooth out voltage ripples. * **Feedback Loops:** Resistor networks that tell the IC if the output voltage is stable. --- ### ## Common Failure Symptoms If the APL0146-R fails, the device usually experiences "No Power" or "Short Circuit" symptoms. Common signs include: * **VCC_MAIN Short:** The chip may internally fail, pulling the main power rail to ground. * **Rapid Battery Drain:** Leakage within the IC causing excessive heat. * **Boot Looping:** The chip fails to provide a stable voltage to the CPU during the start-up sequence.
    ✨ Follow-up Questions
    • ⤷ Which specific iPhone or iPad models use the APL0146-R chip?
    • ⤷ What are the common pinout configurations for this BGA package?
    • ⤷ Can the APL0146-R be replaced using standard hot air rework stations?