Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APL0206-R

  • AI
    The **APL0206-R** is a specific electronic component, typically categorized as a power management integrated circuit (PMIC) or a power controller, often found in Apple-designed devices (such as iPhones or iPads). It is part of the proprietary "Apple PMIC" ecosystem. --- ### 1. General Specifications While complete public datasheets are often restricted due to its proprietary nature, the technical profile is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Power Management Integrated Circuit (PMIC) | | **Package Type** | BGA (Ball Grid Array) | | **Manufacturer** | Manufactured for Apple (often by Dialog Semiconductor or TSMC) | | **Application** | Voltage regulation, power sequencing, and charging logic | --- ### 2. Functional Roles In a typical circuit layout (such as a logic board), the APL0206-R performs several critical roles: 1. **Buck/Boost Regulation**: It converts battery voltage (approx. 3.8V) into specific lower voltages required by the CPU, GPU, and RAM. 2. **Power Sequencing**: It ensures that different components on the logic board turn on in the correct order to prevent hardware damage. 3. **LDO Regulators**: It contains Low-Dropout (LDO) regulators for noise-sensitive analog components like audio chips or sensors. 4. **Interface Communication**: It communicates with the Application Processor (AP) via I2C or SPMI buses to report power status and temperature. --- ### 3. Common Failure Symptoms When this specific chip fails or has poor solder joints, the following issues are commonly observed: * **No Power / No Boot**: The device stays at 0mA or very low current draw when connected to a DC power supply. * **Partial Shorts**: Certain power rails (like `PP_CPU` or `PP_GPU`) may show low resistance to ground. * **Heat Generation**: The chip becomes excessively hot shortly after the battery is connected. * **Stuck at Apple Logo**: Failure to provide stable voltage to the NAND or CPU can cause boot loops. --- ### 4. Repair and Handling Because this is a **BGA chip**, replacement requires professional microsoldering equipment: ```markdown 1. Pre-heating: The board must be pre-heated to prevent warping. 2. Reflow/Removal: Use a hot air station (approx. 330°C - 350°C) to melt the lead-free solder. 3. Reballing: If reusing the chip, a specific 0.2mm or 0.25mm stencil is required. 4. Orientation: Note the "Pin 1" marker (usually a small dot or triangle) before removal. ``` ---
    ✨ Follow-up Questions
    • ⤷Which specific Apple devices use the APL0206-R chip?
    • ⤷ What are the common voltage rails managed by this PMIC?
    • ⤷ How can I test for a short circuit on this chip using a multimeter?