Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APL0574-R

  • AI
    The **APL0574-R** is a specific electronic component, typically categorized as a **Pulse Transformer** or **LAN Transformer Module**. These components are fundamental in networking hardware to ensure signal integrity and electrical safety. --- ## 1. Core Functionality The APL0574-R serves three primary purposes within a circuit: * **Impedance Matching:** It matches the impedance between the Physical Layer (PHY) chip and the transmission medium (like an Ethernet cable) to prevent signal reflection. * **Galvanic Isolation:** It provides electrical isolation (usually up to 1500V AC) to protect sensitive internal circuitry from external electrical surges or ground loops. * **Noise Suppression:** It utilizes common-mode chokes to filter out Electromagnetic Interference (EMI) and maintain high-speed data integrity. --- ## 2. Technical Specifications While specific datasheets can vary by manufacturer (often produced by companies like *Pulse Electronics* or *Abracon*), a component with this nomenclature typically follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Single Port 10/100/1000 Base-T Transformer | | **Configuration** | Surface Mount Device (SMD/SMT) | | **Turns Ratio** | 1:1 (Common for Ethernet applications) | | **Isolation Voltage** | 1500 Vrms | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 3. Internal Schematic Components Inside the APL0574-R package, you will find several sub-components: 1. **Isolation Transformers:** Wound ferrite cores that transfer the differential signal via magnetic flux. 2. **Common Mode Chokes (CMC):** Integrated coils designed to attenuate high-frequency noise that is common to both lines of the differential pair. 3. **Auto-transformer/Center Taps:** Used to provide a DC path for Power over Ethernet (PoE) applications if the specific model supports it. --- ## 4. Common Applications This part is commonly found in: * Network Interface Cards (NICs) * Industrial Switches and Routers * IP Cameras and VoIP Phones * Embedded IoT Gateways --- ## 5. Identification Tip The **"-R"** suffix in the part number almost universally signifies **RoHS Compliance**, meaning the part is manufactured without lead (Pb) and other restricted hazardous substances, making it suitable for modern environmentally regulated production.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the APL0574-R?
    • ⤷ Can this component be used in 10-Gigabit Ethernet applications?
    • ⤷ What are the best alternatives if the APL0574-R is out of stock?