Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APL0840-R

  • AI
    The **APL0840-R** is a specific electronic component typically used in power management systems. It is primarily identified as a **Power Distribution Switch** or a High-Side Switch, often found in computing hardware such as motherboards or embedded systems. Below is a detailed breakdown of its specifications, functions, and pinout. --- ### 1. General Specifications The APL0840-R is designed to protect circuits from over-current and short-circuit conditions while providing controlled power switching. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | N-Channel MOSFET Power Switch | | **Input Voltage Range** | 2.7V to 5.5V | | **Continuous Current** | ~0.5A to 1.1A (depending on variant) | | **Package Type** | SOT-23-5 or SOP-8 | | **On-Resistance (Rds-on)** | ~100mΩ to 120mΩ | | **Features** | Thermal Shutdown, Under-Voltage Lockout (UVLO) | --- ### 2. Key Functional Features The APL0840-R provides several layers of protection for electronic assemblies: * **Current Limiting:** It restricts the output current to a safe level to prevent damage to the power source or downstream components during an overload. * **Soft Start:** It limits inrush current during startup to prevent voltage "droop" on the input rail. * **Thermal Protection:** If the internal temperature exceeds a threshold (typically 150°C), the device automatically shuts down until it cools. * **Fault Flag:** It usually includes an open-drain output (`FLG`) that signals the system microcontroller if an over-current or over-temperature event occurs. --- ### 3. Pin Configuration (Typical SOT-23-5) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference for the IC. | | 2 | **VIN** | Input voltage supply (Power In). | | 3 | **EN** | Enable input (Active High or Low depending on suffix). | | 4 | **FLG** | Fault status output (indicates error conditions). | | 5 | **VOUT** | Switched output voltage (Power Out). | --- ### 4. Typical Applications This component is commonly found in: 1. **USB Ports:** To protect the motherboard from shorted USB devices. 2. **Hot-Swap Boards:** To manage power spikes when inserting new modules. 3. **Laptops/Tablets:** Managing power rails for peripheral components. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active-high and active-low EN pin in the APL0840 series?
    • ⤷ How do I calculate the maximum power dissipation for the APL0840-R?
    • ⤷ What are the common alternatives or equivalents to the APL0840-R?