Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APL1890-R

  • AI
    The **APL1890-R** is a specialized power management component, typically categorized as a **Low Dropout (LDO) Linear Regulator** or a **Power Distribution Switch**, depending on the specific application circuit. It is manufactured by **Anpec Electronics**. Below is a breakdown of its technical specifications, pin configuration, and typical usage. --- ## 1. Core Technical Specifications The APL1890 series is designed for efficiency and stability in low-voltage environments. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5V to 6.0V | | **Output Current** | Typically up to 1.5A - 2A (load dependent) | | **Dropout Voltage** | Low (typically < 300mV at full load) | | **Package Type** | SOP-8, SOT-223, or TDFN (Variant dependent) | | **Protection Features** | Over-Temperature, Over-Current, Short-Circuit | | **Enable Logic** | Active High or Active Low (R-suffix usually denotes specific logic/pinout) | --- ## 2. Pin Configuration (Common SOP-8 Example) While the physical layout can vary, the functional mapping generally follows this structure: | Pin Name | Description | | :--- | :--- | | **VIN** | Power Input; should be bypassed with a ceramic capacitor to ground. | | **VOUT** | Regulated Output; requires a stable output capacitor for loop stability. | | **GND** | Ground reference for all internal circuitry. | | **EN** | Enable Pin; used to turn the device on or off to save power. | | **POK / FB** | Power OK signal or Feedback pin for adjustable versions. | --- ## 3. Key Electronic Characteristics ### Power Efficiency As an LDO, the APL1890-R regulates voltage by dissipating excess energy as heat. The efficiency is calculated as $(V_{out} / V_{in}) \times 100$. It is most efficient when the input voltage is only slightly higher than the output voltage. ### Protection Circuitry 1. **Current Limiting:** Prevents the device from burning out if the output is shorted to ground. 2. **Thermal Shutdown:** If the internal junction temperature exceeds a threshold (typically around 150°C), the device shuts down until it cools. 3. **Soft Start:** Some variants include an internal soft-start to prevent inrush current during power-up. --- ## 4. Typical Applications The APL1890-R is commonly found in consumer electronics where stable, low-noise power is required: * **Motherboards & Laptops:** Providing power to I/O controllers or chipsets. * **Networking Gear:** Powering Wi-Fi modules or Ethernet controllers. * **Set-Top Boxes:** Regulating power for internal logic circuits. ### Simplified Application Circuit ```cpp // Schematic representation [Input 5V] ----+----[ VIN ]----[ VOUT ]----+---- [Output 3.3V] | [ EN ] | C1 [ GND ] C2 | | | (GND) (GND) (GND) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the APL1890-R and the standard APL1890?
    • ⤷ Can the APL1890-R be used in automotive applications?
    • ⤷ What is the recommended value for the input and output capacitors?