Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APL1912.5-R

  • AI
    The **APL1912.5-R** is a specific surface-mount electronic component, typically categorized as a **High-Current Power Inductor** or a **Shielded Power Choke**. These components are critical in voltage regulation modules (VRMs) and power management systems. --- ## 1. Technical Specifications The part number follows a standardized naming convention used by manufacturers like **ITG Electronics** or similar power component specialists. | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 0.5 µH (implied by the ".5" suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite or Ferrite (High saturation) | | **Shielding** | Shielded (Reduces EMI/RFI interference) | | **Current Rating** | High (Typically 20A to 50A+ depending on footprint) | --- ## 2. Key Electronic Characteristics ### A. Low DCR (DC Resistance) The APL1912 series is designed with very low internal resistance. This is vital because: * It minimizes power loss as heat (I²R loss). * It improves the overall efficiency of the Power Supply Unit (PSU). ### B. High Saturation Current ($I_{sat}$) The "R" suffix often denotes a design optimized for high saturation. This means the inductor can handle high spikes in current without the magnetic core "saturating," which would otherwise cause the inductance to drop sharply and lead to circuit failure. ### C. Thermal Stability These parts are usually molded with a metal powder or composite material that allows them to operate in high-temperature environments (up to 125°C or higher) common in high-performance computing. --- ## 3. Applications The APL1912.5-R is commonly found in: 1. **Server Motherboards:** Providing stable power to CPUs and GPUs. 2. **DC-DC Converters:** Acting as the energy storage element in buck/boost converters. 3. **POL (Point of Load) Modules:** Ensuring clean power delivery near the integrated circuit. 4. **Graphics Cards:** Managing the high-current demands of modern video chips. --- ## 4. Physical Construction * **Encapsulation:** The component is usually encased in a rugged, rectangular housing. * **Termination:** Large metallic pads on the bottom for secure soldering to the PCB, ensuring it can handle the physical stress of thermal expansion and high-current vibrations.
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the APL1912.5-R?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
    • ⤷ What are the physical dimensions (footprint) of the 1912 series?