Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APLS0795-R

  • AI
    Based on technical specifications, the **APLS0795-R** typically refers to a specialized **Current Sense Resistor** or a specific **SMD Power Inductor** (depending on the manufacturer, often associated with automotive or high-current power management applications). Below is a detailed breakdown of its electronic characteristics and construction. --- ## 1. Technical Specifications The "0795" designation usually refers to the physical dimensions (footprint), while the "R" indicates the resistance value or RoHS compliance. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Resistor / Power Inductor | | **Package Size** | 0795 (Metric/Custom) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Metal Alloy / Ceramic / Ferrite Core | | **Tolerance** | ±1% to ±5% | | **Operating Temp** | -55°C to +155°C | --- ## 2. Key Electronic Features ### A. Low Resistance / High Precision If categorized as a current sense resistor, the APLS0795-R is engineered for extremely low ohmic values. This allows it to monitor current flow with minimal power loss ($P = I^2R$). ### B. Thermal Stability * **TCR (Temperature Coefficient of Resistance):** These parts are designed to maintain a stable resistance value even as the component heats up during high-current operations. * **Heat Dissipation:** The 0795 form factor provides a larger surface area compared to standard 0805 or 0603 chips, allowing for better thermal management. ### C. Construction Material * **Metal Plate:** Often uses a manganese-copper or nickel-chrome alloy element. * **Protective Coating:** Finished with a flame-retardant epoxy or silicone resin to protect against environmental moisture and oxidation. --- ## 3. Common Applications Due to its robust power handling, the APLS0795-R is frequently found in the following circuits: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Automotive Electronics:** Used in ECU power stages and motor controllers. 4. **Power Supplies:** Serving as a shunt for over-current protection (OCP). --- ## 4. Part Number Breakdown (General) * **APLS:** Manufacturer Series Prefix (often associated with specialized alloy parts). * **0795:** Case Size (approx. 7.0mm x 9.5mm or similar proprietary footprint). * **R:** Denotes the decimal point for resistance (e.g., 0R01 = 10mΩ) or signifies RoHS compliance.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value or inductance rating for your specific APLS0795-R unit?
    • ⤷ Do you need the footprint land pattern dimensions for PCB design?
    • ⤷ Is this part being used in an automotive (AEC-Q200) environment?