Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APLS1597.5-R

  • AI
    The **APLS1597.5-R** is a high-performance **Surface Acoustic Wave (SAW) Filter** specifically designed for use in GPS/GNSS (Global Navigation Satellite System) applications. It is engineered to provide precise frequency selection while rejecting out-of-band interference. --- ### 1. General Specifications The device operates in the L-Band spectrum, primarily targeting GPS L1 frequencies. | Parameter | Specification | |:---|:---| | **Center Frequency (fc)** | 1597.5 MHz | | **Bandwidth** | ~45 MHz (approx.) | | **Package Type** | SMD (Surface Mount Device) | | **Standard Package Size** | 1.1 x 0.9 mm or 1.4 x 1.1 mm (Variant dependent) | | **Impedance** | 50 $\Omega$ (Standard) | --- ### 2. Key Electronic Characteristics Electronic SAW filters like the APLS1597.5-R are defined by their ability to maintain signal integrity in crowded RF environments. * **Low Insertion Loss:** Minimizes signal attenuation as the GPS signal passes through the filter, which is critical for weak satellite signals. * **High Out-of-Band Rejection:** Effectively suppresses signals from cellular bands (LTE, GSM) and WiFi that might otherwise cause interference or saturate the receiver's LNA (Low Noise Amplifier). * **Temperature Stability:** Designed to maintain its center frequency and bandwidth across a wide industrial temperature range (typically -40°C to +85°C). --- ### 3. Application Circuits In an electronic system, this part is usually placed between the **Antenna** and the **Low Noise Amplifier (LNA)**. ```mermaid graph LR A[Antenna] --> B[APLS1597.5-R Filter] B --> C[LNA] C --> D[GNSS Chipset] ``` #### Typical Implementation Notes: 1. **Impedance Matching:** While many SAW filters are designed for 50 ohms, parasitic capacitance on the PCB may require small inductor/capacitor (LC) matching circuits. 2. **Grounding:** Multiple ground pins must be connected to a solid ground plane to ensure maximum stop-band attenuation. --- ### 4. Summary Table of Benefits | Feature | Electronic Benefit | |:---|:---| | **SAW Technology** | High Q-factor and steep roll-off skirts. | | **Miniature Footprint** | Saves PCB real estate in wearable or mobile devices. | | **Reliability** | Solid-state construction with no moving parts, resistant to mechanical shock. | ---
    ✨ Follow-up Questions
    • ⤷What is the typical insertion loss for this specific SAW filter?
    • ⤷ Does the APLS1597.5-R support GLONASS frequencies in addition to GPS?
    • ⤷ What are the recommended soldering reflow profiles for this SMD component?