Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APLS1692.5-R

  • AI
    The **APLS1692.5-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are essential in modern power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications While specific manufacturers may vary slightly, the nomenclature "1692.5" usually refers to the physical dimensions and core characteristics. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance** | 2.5 µH (Microhenries) | | **Tolerance** | Usually ±20% | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Mounting Type** | Surface Mount (SMT) | | **Termination** | RoHs Compliant (Lead-free) | --- ### 2. Physical Characteristics The numbering in the part name often reflects the physical footprint: * **Dimensions:** Usually indicates a specific metric size (e.g., approximately 1.6mm x 0.9mm or similar, depending on the manufacturer's series coding). * **Construction:** These inductors are often constructed with a ferrite drum core and a clip-on shield to minimize electromagnetic interference (EMI) with neighboring components. --- ### 3. Common Applications The APLS1692.5-R is designed for high-efficiency power conversion. It is commonly found in: * **DC-DC Converters:** Used in "Buck" or "Boost" converters to step voltages up or down. * **Mobile Electronics:** Ideal for smartphones and tablets due to its small footprint and shielded design. * **Power Management Integrated Circuits (PMICs):** Acting as a storage element for regulated power rails. * **Filtering:** Used to suppress high-frequency noise in power supply lines. --- ### 4. Typical Circuit Implementation In a standard Buck Converter application, the inductor is placed in series with the output load to smooth the current ripples. ```spice * Simple representation of Inductor in a circuit VIN --- [Switch] ---+--- [APLS1692.5-R Inductor] --- VOUT | | [Diode] [Capacitor] | | GND GND ``` --- ### 5. Selection Considerations When replacing or designing with this part, engineers must look at: 1. **DCR (DC Resistance):** Lower DCR values result in higher efficiency and less heat generation. 2. **Isat (Saturation Current):** The maximum current the inductor can handle before its inductance drops significantly. 3. **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C).
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current (Isat) for the APLS1692.5-R?
    • ⤷ Which manufacturers produce the APLS series of inductors?
    • ⤷ How does magnetic shielding impact the performance of this part?