Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APLS2162.5-R

  • AI
    The **APLS2162.5-R** is a specific surface-mount electronic component, typically categorized as a **Microstrip Isolator** or **Circulator**, often used in radio frequency (RF) and microwave applications. These components are designed to protect sensitive RF equipment from signal reflections. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Ampleon* or specialized RF component houses), the model number typically denotes the following characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Isolator / Circulator | | **Frequency Range** | Typically tuned for S-Band or C-Band (e.g., ~2.1 GHz to 2.5 GHz) | | **Mounting Type** | Surface Mount Device (SMD) | | **Package Style** | Microstrip / Drop-in compatible | | **Impedance** | 50 Ohms (Standard) | --- ### 2. Key Electronic Functions The APLS2162.5-R serves three primary electronic roles in a circuit: 1. **Unidirectional Signal Flow**: It allows RF signals to pass from the input port to the output port with minimal loss while blocking signals in the reverse direction. 2. **Impedance Matching**: It helps maintain a stable 50-ohm environment, ensuring that the Power Amplifier (PA) "sees" a constant load regardless of antenna fluctuations. 3. **Reflected Power Dissipation**: Any power reflected back from the antenna (due to VSWR mismatch) is diverted into an internal or external resistive load, preventing damage to the transistors. --- ### 3. Applications These parts are commonly found in the following systems: * **Wireless Infrastructure**: Base stations (LTE/5G) where high-power amplifiers require protection. * **Satellite Communications**: Signal routing in transceivers. * **Radar Systems**: Separating transmitted and received signals. * **Industrial Microwave**: Protecting magnetrons or solid-state power sources. --- ### 4. Typical Performance Metrics When evaluating this part in a schematic, engineers focus on these parameters: * **Insertion Loss**: The signal power lost when traveling in the forward direction (ideally < 0.5 dB). * **Isolation**: The amount of signal suppressed in the reverse direction (ideally > 20 dB). * **Return Loss**: A measure of how well the component is matched to 50 ohms. * **Power Handling**: The maximum wattage (CW or Peak) the part can handle without thermal failure.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the APLS2162.5-R?
    • ⤷ How does an isolator differ from a circulator in an RF circuit?
    • ⤷ What are the soldering requirements for SMD RF isolators?