Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APTA-241-R

  • AI
    The **APTA-241-R** is a high-performance, ultra-low profile **GPS/GNSS active patch antenna**. It is primarily designed for integration into compact electronic devices that require high sensitivity and precise positioning. --- ### 1. Key Technical Specifications The APTA-241-R is characterized by its small form factor and low power consumption. | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 1575.42 MHz (GPS L1 / GALILEO E1) | | **Gain (LNA)** | 15 dB to 20 dB (typical) | | **Noise Figure** | 1.5 dB (typical) | | **Voltage Supply** | 2.7V to 5.0V DC | | **Current Consumption** | 3mA to 10mA | | **Output Impedance** | 50 $\Omega$ | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Main Electronic Components The antenna module consists of three primary electronic stages: 1. **Ceramic Patch Element:** The core physical interface that captures electromagnetic waves. It is usually silver-plated to ensure high conductivity and tuned to the 1575.42 MHz frequency. 2. **Low Noise Amplifier (LNA):** This is the active component. Since GPS signals from satellites are extremely weak by the time they reach Earth, the LNA boosts the signal strength while adding minimal noise to ensure the GPS receiver can process the data. 3. **Saw Filter:** This component filters out out-of-band interference (such as signals from cellular towers or Wi-Fi) to prevent the LNA from saturating, which ensures signal integrity. --- ### 3. Application and Mounting Because it is a "patch" antenna, its performance is highly dependent on its orientation and mounting environment. * **Ground Plane:** For optimal performance, the APTA-241-R should be mounted on a metal ground plane. The size of this plane affects the center frequency and gain. * **Connection Type:** It typically features a micro-coaxial cable (like U.FL or IPEX) or is designed for direct SMT (Surface Mount Technology) soldering onto a PCB. * **Common Uses:** * Handheld GPS trackers. * Automotive telematics. * UAVs (Drones). * IoT (Internet of Things) devices. --- ### 4. Integration Code Example (Generic Arduino/C++) When using this antenna with a GPS module (like a u-blox or MediaTek chip), you don't "program" the antenna itself, but you monitor the signal strength via NMEA sentences. ```cpp // Example: Checking GPS Signal Strength (SNR) // using the TinyGPS++ library #include void checkSignal(TinyGPSPlus &gps) { if (gps.satellites.isValid()) { Serial.print("Satellites in view: "); Serial.println(gps.satellites.value()); // Higher satellite count indicates the active antenna is working well } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and a passive patch antenna?
    • ⤷ How does the ground plane size affect the APTA-241-R's gain?
    • ⤷ What are the recommended soldering profiles for SMT GPS antennas?