Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APTE-2121-R

  • AI
    The **APTE-2121-R** is a specific surface-mount technology (SMT) component, typically classified as a **miniature electromagnetic buzzer** or **transducer**. These components are widely used in consumer electronics for audible feedback, such as "beeps" or notification sounds. --- ### 1. Key Technical Specifications The electrical and physical characteristics of the APTE-2121-R are designed for high-density PCB mounting. | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | Electromagnetic Audio Transducer | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Rated Voltage** | 3.6 Vp-p (Typically operates between 2V - 5V) | | **Rated Current** | ~90 mA (Maximum) | | **Sound Pressure Level (SPL)** | ≥ 85 dB at 10cm | | **Resonant Frequency** | 2,700 Hz - 2,730 Hz | | **Operating Temperature** | -30°C to +70°C | | **Housing Material** | LCP (Liquid Crystal Polymer) - High Heat Resistance | --- ### 2. Physical Construction The part is engineered to withstand modern manufacturing processes, specifically reflow soldering. * **Size:** Compact footprint (approx. 9mm x 9mm or smaller depending on the specific series iteration). * **Acoustic Hole:** The "R" in the suffix often refers to a **Side Sound Port** or a specific **Reel** packaging configuration for automated pick-and-place machines. * **Diaphragm:** A metal plate that vibrates when an oscillating magnetic field is applied. --- ### 3. Electronic Operation Principle Unlike an active buzzer (which has an internal oscillator), the APTE-2121-R is a **passive transducer**. 1. **Input Signal:** It requires an external square wave frequency (typically 2.7 kHz) to produce sound. 2. **Electromagnetism:** Current flows through an internal coil, creating a magnetic field. 3. **Vibration:** This field interacts with a permanent magnet to move a metallic diaphragm up and down at the input frequency. 4. **Audio Output:** The air displacement caused by the diaphragm creates the audible "beep." --- ### 4. Typical Applications * **Portable Devices:** Handheld scanners, glucose meters, and POS terminals. * **Home Appliances:** Microwave oven timers and washing machine cycle alerts. * **Automotive:** Dashboard alerts or indicator feedback. --- ### 5. Circuit Integration Example To drive this component using a microcontroller (like an Arduino or ESP32), a simple transistor switching circuit is recommended to protect the MCU pins from the current draw. ```cpp // Simple Arduino example to drive the transducer const int buzzerPin = 9; // Connected to base of a NPN transistor void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { // Generate a 2.7kHz tone (The resonant frequency of APTE-2121-R) tone(buzzerPin, 2700); delay(500); noTone(buzzerPin); delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active buzzer and a passive transducer like the APTE-2121-R?
    • ⤷ What type of transistor is best suited for driving this component?
    • ⤷ Can this component produce polyphonic music or just monophonic tones?