Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • APTGF200U60D4

  • AI
    The **APTGF200U60D4** is a high-power IGBT (Insulated Gate Bipolar Transistor) module manufactured by Microsemi (now part of Microchip Technology). It is specifically designed for high-current and high-voltage applications, featuring a "Single Switch" configuration with a bypass diode. --- ## 1. Core Technical Specifications The part number itself reveals key electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Collector-Emitter Voltage ($V_{CES}$)** | 600 V | The maximum voltage the device can withstand. | | **Continuous Collector Current ($I_C$)** | 200 A | The maximum current it can handle at $T_c = 80^\circ C$. | | **Gate-Emitter Voltage ($V_{GE}$)** | $\pm 20$ V | The voltage range required to control the gate. | | **Power Dissipation ($P_D$)** | 750 W | The maximum power the module can dissipate as heat. | | **Technology** | NPT IGBT | Non-Punch Through technology for ruggedness. | --- ## 2. Key Internal Components The module is not just a single transistor; it is an integrated power assembly: * **NPT IGBT:** This provides a low forward voltage drop ($V_{CE(on)}$) and a high capability to withstand short circuits. Unlike older technologies, NPT (Non-Punch Through) has a positive temperature coefficient, making it easier to parallel multiple modules. * **Fast Recovery Epitaxial Diode (FRED):** The module includes an anti-parallel diode. This is crucial for inductive loads (like motors) to protect the IGBT from voltage spikes when the switch turns off. * **D4 Package:** This refers to the physical housing, which is a low-profile module designed for direct mounting onto a heatsink to manage the 750W thermal load. --- ## 3. Applications Due to its high current rating (200A) and fast switching speeds, the APTGF200U60D4 is typically used in: 1. **Welding Machines:** Managing high-current arcs. 2. **Motor Controls:** Variable speed drives for industrial AC/DC motors. 3. **Uninterruptible Power Supplies (UPS):** High-efficiency power conversion. 4. **Solar Inverters:** Converting DC from panels to AC for the grid. --- ## 4. Circuit Diagram Representation In a simplified schematic, the module functions as a controlled switch: ```text C (Collector) ---------+ | [ IGBT ] <--- G (Gate Control) | E (Emitter) -----------+ | [ Anti-Parallel Diode ] | +------- ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the D4 package?
    • ⤷ How does NPT technology compare to Trench IGBT technology in terms of switching loss?
    • ⤷ What is the recommended gate driver circuit for a 200A IGBT?