Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ARB-1113-R

  • AI
    The **ARB-1113-R** is a specific electronic component primarily identified as a **Radial Lead Aluminum Electrolytic Capacitor**. These components are fundamental in power management and signal filtering within electronic circuits. --- ## 1. Core Technical Specifications The "ARB" series typically denotes specific physical and performance characteristics defined by the manufacturer (often associated with brands like *Aishi* or similar high-reliability vendors). | Feature | Specification (Typical) | Function | | :--- | :--- | :--- | | **Type** | Aluminum Electrolytic | Energy storage via an electrolyte liquid/gel. | | **Mounting** | Radial Lead (Thru-hole) | Two wires protruding from the bottom for PCB insertion. | | **Polarity** | Polarized | Must be installed correctly (+/-) to avoid failure. | | **Operating Temp** | -40°C to +105°C | High-temperature rating for industrial longevity. | | **Safety** | Vent Construction | Includes a safety "X" or "K" score on top to prevent explosion. | --- ## 2. Key Electronic Characteristics When analyzing the ARB-1113-R, three main electronic factors dictate its performance: ### A. Capacitance and Voltage While the exact Farad value depends on the specific sub-variant of the 1113-R, this series is designed for **Charge Storage**. It acts as a local reservoir of energy to smooth out voltage spikes. ### B. ESR (Equivalent Series Resistance) The "R" suffix in many ARB parts suggests a focus on **Low ESR**. - **Benefit:** Lower resistance means the capacitor generates less heat during operation and can handle higher ripple currents. - **Application:** Critical for Switching Mode Power Supplies (SMPS). ### C. Ripple Current Handling This part is engineered to handle the AC component (ripple) that rides on top of a DC signal. High ripple current capability ensures the capacitor doesn't overheat in high-speed switching environments. --- ## 3. Common Applications The ARB-1113-R is generally found in the following electronic sectors: 1. **LED Drivers:** Used to stabilize the current sent to high-power LEDs. 2. **Power Adapters:** Filtering the output stage of AC-to-DC converters. 3. **Motherboards/Industrial PCs:** Managing voltage regulation modules (VRMs). 4. **Telecommunications:** Noise suppression in signal lines. --- ## 4. Identification and Polarity When handling this part, observe the following physical markings: * **The Stripe:** A vertical stripe (usually white or grey) on the side of the sleeve indicates the **Negative (-)** terminal. * **Lead Length:** The longer lead is the **Positive (+)** terminal, while the shorter lead is the **Negative (-)** terminal.
    ✨ Follow-up Questions
    • ⤷ What are the specific capacitance and voltage ratings for the ARB-1113-R variant you are looking at?
    • ⤷ How does 'Low ESR' improve the lifespan of an electrolytic capacitor?
    • ⤷ Are there solid polymer alternatives that can replace the ARB-1113-R in high-heat environments?