Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ARB-3133-R/BL

  • AI
    The **ARB-3133-R/BL** refers to a high-performance **Broadband RF Amplifier Module**, typically utilized in laboratory settings, signal testing, and wireless infrastructure. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The ARB-3133 series is designed to provide high gain and linear power over a wide frequency range. The suffix **R/BL** usually denotes specific packaging or cooling configurations (e.g., Rack-mount or Baseplate-cooled). ### 2. Key Electronic Specifications These specifications are typical for the 3133 series architecture: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Frequency Range** | 1.0 – 3.0 | GHz | | **Gain** | 33 - 35 | dB | | **Output Power (P1dB)** | +33 | dBm (2 Watts) | | **Input/Output Impedance** | 50 | Ohms | | **Supply Voltage** | +12 to +15 | VDC | | **Current Consumption** | 1.5 - 2.0 | Amps | --- ### 3. Core Electronic Components The internal circuitry of this module is comprised of several critical electronic stages: * **Pre-Amplifier Stage:** Utilizes low-noise GaAs (Gallium Arsenide) or GaN (Gallium Nitride) FETs to boost the weak input signal while maintaining a low noise figure. * **Power Amplifier (PA) Stage:** The final stage employs high-linearity transistors to achieve the +33dBm output power without distorting the signal waveform. * **Matching Networks:** Internal LC (Inductor-Capacitor) networks ensure that the input and output impedances remain at 50Ω, preventing signal reflections (VSWR). * **Voltage Regulation:** Includes internal DC-DC converters or linear regulators to stabilize the supply voltage and protect sensitive RF components from power spikes. --- ### 4. Interface and Connectivity The electronic interface is designed for standard RF integration: * **RF Connectors:** Typically uses **SMA Female** connectors for both input and output to minimize signal loss at GHz frequencies. * **DC Power:** Often features a feed-through capacitor or a D-sub connector for the power supply and ground. * **Protection Circuitry:** Most models include **Reverse Polarity Protection** and **Thermal Shutdown** sensors to prevent electronic failure if the unit overheats. --- ### 5. Application Areas * **EMI/EMC Testing:** Providing the necessary power to drive antennas in interference testing. * **Signal Jamming:** Used in low-power electronic countermeasure systems. * **Laboratory R&D:** General-purpose amplification for signal generators.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input power the ARB-3133-R/BL can handle before damage?
    • ⤷ Does this model require an external heatsink for continuous operation?
    • ⤷ How does the gain flatness vary across the 1.0 to 3.0 GHz range?