Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ARP2-3N-R

  • AI
    The **ARP2-3N-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These resistors are engineered for applications requiring high stability, low noise, and extreme accuracy. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Thin Film Precision Resistor | | **Package / Case** | 0805 (Metric 2012) | | **Resistance Tolerance** | ±0.1% (Common for this series) | | **Power Rating** | 1/8W (0.125 Watts) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Physical Construction The ARP2-3N-R utilizes **Thin Film technology**, which differs significantly from standard Thick Film (General Purpose) resistors: * **Substrate:** Usually high-grade Alumina ($Al_2O_3$) ceramic. * **Resistive Layer:** A thin layer of metal film (typically Nichrome or Tantalum Nitride) is sputtered onto the substrate. This allows for more precise control over the resistance value. * **Terminations:** Multi-layer electrode structure (usually involving Nickel and a Tin finish) to ensure excellent solderability and prevent leaching. * **Protective Coating:** An epoxy or glass-based overcoat protects the element from moisture and mechanical damage. --- ### 3. Application Use Cases Due to its high precision and low TCR (Temperature Coefficient of Resistance), this part is commonly used in: 1. **Medical Instrumentation:** Where signal integrity and measurement accuracy are critical. 2. **Audio Equipment:** To minimize thermal noise and distortion in high-end DACs or amplifiers. 3. **Industrial Controls:** In feedback loops for motor controllers or power supplies where stability over time is required. 4. **Telecom:** For base station equipment and high-speed networking hardware. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | Thin Film (ARP2-3N-R) | Thick Film (Standard) | | :--- | :--- | :--- | | **Precision** | Very High (up to 0.01%) | Moderate (1% - 5%) | | **Stability** | Excellent | Average | | **Noise** | Very Low | Higher | | **Cost** | Higher | Very Low |
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering profile recommendations for the ARP2-3N-R?
    • ⤷ Can this resistor be used in high-frequency RF applications?
    • ⤷ What are the common alternatives for this part in a 0603 package size?