Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS02008MO-R

  • AI
    ## AS02008MO-R Electronic Component Overview The **AS02008MO-R** is a high-quality, miniature speaker manufactured by **PUI Audio**. It is designed for applications where space is limited but clear sound output is required. --- ### 1. Key Technical Specifications Below are the primary electronic and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Dynamic Speaker (Moving Coil) | | **Impedance** | 8 Ohms ± 15% | | **Power Rating (Nominal)** | 0.5 Watts | | **Power Rating (Maximum)** | 0.8 Watts | | **Frequency Range** | 500 Hz ~ 20,000 Hz | | **Sensitivity (Sound Pressure Level)** | 82 dB ± 3dB @ 0.1m / 0.1W | | **Resonant Frequency (Fo)** | 500 Hz ± 20% | | **Magnet Material** | NdFeB (Neodymium) | | **Weight** | ~2.5 Grams | --- ### 2. Physical Construction & Materials The part is engineered for durability and efficiency in small form factors: * **Frame Material:** Metallic housing for structural integrity. * **Diaphragm:** Typically Mylar or a similar synthetic film to ensure moisture resistance and high-frequency clarity. * **Magnet:** Uses Neodymium (NdFeB), which provides a high magnetic flux density, allowing for a smaller footprint compared to traditional ferrite magnets. * **Termination:** Solder pads for direct wire attachment. --- ### 3. Application Use Cases Due to its small size (usually 20mm diameter) and 8-ohm impedance, this part is commonly used in: 1. **Handheld Devices:** Scanners, GPS units, and portable radios. 2. **IoT Devices:** Smart home hubs and notification alerts. 3. **Medical Instrumentation:** Audible alarms and feedback for diagnostic equipment. 4. **Security Systems:** Control panels and intercoms. --- ### 4. Drive Circuit Requirements To integrate the AS02008MO-R into a project, a small Class-D or Class-AB audio amplifier is recommended. ```python # Conceptual Gain Calculation Example def calculate_voltage(power, impedance): # V = sqrt(P * R) import math return math.sqrt(power * impedance) nominal_v = calculate_voltage(0.5, 8) print(f"Required RMS Voltage for Nominal Power: {nominal_v:.2f}V") # Output: 2.00V ```
    ✨ Follow-up Questions
    • ⤷ What are the mounting recommendations for this speaker to ensure best acoustic performance?
    • ⤷ Are there specific environmental ratings like IP54 for the AS02008MO-R?
    • ⤷ What is the recommended amplifier IC to pair with this 8-ohm 0.5W speaker?