Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS04008PS-4W-R

  • AI
    ## Technical Overview: AS04008PS-4W-R The **AS04008PS-4W-R** is a high-performance, miniature speaker manufactured by **PUI Audio**. It belongs to their "AS" series and is designed for applications requiring a compact footprint without sacrificing audio clarity or power handling. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Impedance** | 8 Ohms | | **Power Rating (Nominal)** | 0.5 Watts | | **Power Rating (Max)** | 1.0 Watts | | **Frequency Range** | 500 Hz ~ 20,000 Hz | | **Sensitivity (SPL)** | 84 dB @ 0.5W / 0.1M | | **Dimensions** | 40mm x 8mm (Slim Profile) | | **Cone Material** | Paper / Cloth | | **Mounting Type** | Surface Mount / Bracket | --- ### 2. Component Composition The internal electronic and mechanical parts of this speaker include: * **Permanent Magnet:** Typically Neodymium (NdFeB), which provides a high magnetic flux density in a small size. * **Voice Coil:** A precision-wound copper wire coil that reacts to the electrical signal to create movement. * **Diaphragm (Cone):** A lightweight material designed for rapid vibration to produce sound waves. * **Solder Pads:** Located on the rear for electrical connection to a PCB or wire harness. --- ### 3. Electrical Characteristics Unlike larger drivers, the AS04008PS-4W-R is optimized for **mid-to-high frequency reproduction**. * **Resonant Frequency ($F_s$):** Usually around 500 Hz. Driving the speaker significantly below this frequency can lead to distortion or physical damage. * **Driving Circuitry:** It is typically driven by a Class-D audio amplifier or a simple PWM signal through a transistor for basic notification tones. --- ### 4. Common Applications * **Handheld Devices:** Radios, scanners, and portable GPS units. * **IoT Hardware:** Smart home hubs and security panels. * **Medical Instrumentation:** Alarms and voice prompts in diagnostic equipment. * **Industrial Panels:** Audible feedback for user interfaces. --- ### 5. Implementation Example To interface this speaker with a microcontroller (like an Arduino or ESP32), a simple amplification circuit is required: ```cpp // Example: Generating a 1kHz tone for a notification const int speakerPin = 9; void setup() { pinMode(speakerPin, OUTPUT); } void loop() { tone(speakerPin, 1000); // Send 1KHz sound signal delay(500); noTone(speakerPin); // Stop sound delay(2000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this speaker?
    • ⤷ How do I calculate the correct capacitor value for a DC-blocking filter with an 8-ohm speaker?
    • ⤷ What are the mounting recommendations to prevent acoustic short-circuiting?