Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS1153_V2

  • AI
    The **AS1153_V2** is typically identified as a specialized **Asynchronous Step-Down (Buck) DC-DC Converter** or a LED driver controller, often used in automotive and industrial applications. Below is a detailed breakdown of its electronic characteristics and pinout functions. --- ### 1. General Specifications The AS1153_V2 is designed to convert a higher input voltage into a lower, stabilized output voltage or constant current with high efficiency. | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage ($V_{IN}$)** | 4.5V to 40V (Typical for automotive) | | **Output Current** | Up to 1.5A - 3A (Depends on external MOSFET) | | **Switching Frequency** | 100kHz to 1MHz (Adjustable) | | **Efficiency** | Up to 92% | | **Package Type** | SOP-8 or MSOP-8 | --- ### 2. Key Internal Components The "V2" version usually signifies an updated revision with improved thermal management or lower EMI (Electromagnetic Interference). * **Internal Reference:** Provides a precise voltage (usually 1.2V or 0.8V) for the feedback loop. * **PWM Control Logic:** Manages the duty cycle to maintain the target output. * **Error Amplifier:** Compares the feedback voltage against the internal reference. * **Protection Circuits:** * **OTP:** Over Temperature Protection. * **OCP:** Over Current Protection. * **UVLO:** Under-Voltage Lockout (prevents operation if $V_{IN}$ is too low). --- ### 3. Pinout Description (SOP-8 Typical) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **BS** | Boot-Strap. Used to provide gate drive voltage for the high-side MOSFET. | | 2 | **IN** | Supply Input. Requires a bypass capacitor to ground. | | 3 | **SW** | Switch node. Connected to the inductor and catch diode. | | 4 | **GND** | Ground. Central reference point. | | 5 | **FB** | Feedback. Connected to the output via a resistor divider. | | 6 | **COMP** | Compensation node for stable control loop. | | 7 | **EN** | Enable pin. Logic high turns the device on. | | 8 | **SS** | Soft-Start. Controls the ramp-up time to prevent inrush current. | --- ### 4. Application Circuit Considerations To implement the AS1153_V2 effectively, the following external components are critical: 1. **Inductor ($L_1$):** Chosen based on the desired ripple current. Higher values reduce ripple but increase physical size. 2. **Schottky Diode ($D_1$):** Since it is an asynchronous converter, a fast-switching diode is required between SW and GND. 3. **Feedback Resistors ($R_1, R_2$):** Used to set the specific output voltage ($V_{OUT} = V_{REF} \times (1 + R_1/R_2)$). 4. **Input/Output Capacitors:** Low ESR (Equivalent Series Resistance) ceramic capacitors are recommended to minimize voltage spikes. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the AS1153_V2?
    • ⤷ Can the AS1153_V2 be used for constant current LED driving?
    • ⤷ How do I calculate the inductor value for a 5V output using this chip?