AS1908
AI

The **AS1908** is a specialized integrated circuit designed primarily as a **Microprocessor Supervisory Circuit**. Its main function is to monitor power supply voltage levels and provide a reset signal to a system's processor to prevent erratic operation during power-up, power-down, or brownout conditions.
### 1. Key Technical Specifications
The AS1908 belongs to a family of low-voltage supervisors. Below are the typical technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage Range** | 1.0V to 5.5V |
| **Supply Current** | ~1.0µA to 5.0µA (Ultra-low power) |
| **Reset Thresholds** | Fixed (ranging from 1.57V to 4.63V) |
| **Reset Timeout Period** | Typically 1ms to 200ms (Variant dependent) |
| **Output Type** | Push-Pull or Open-Drain |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Blocks
The internal architecture of the AS1908 generally consists of three main stages:
1. **Precision Voltage Reference:** A stable internal reference used to compare against the $V_{CC}$ pin.
2. **Comparator with Hysteresis:** This prevents "chattering" (rapid toggling) when the voltage is hovering exactly at the threshold level.
3. **Output Driver:**
* **Push-Pull:** Actively drives the signal high or low.
* **Open-Drain:** Requires an external pull-up resistor (useful for wired-OR logic).
---
### 3. Pin Configuration and Application
The device is typically found in small 3-pin packages like **SOT-23** or **SC-70** to save PCB space.
#### Typical Wiring Diagram Logic
```c
// Pseudo-logic for AS1908 behavior
if (VCC < Threshold_Voltage) {
RESET_PIN = LOW; // Processor is held in reset state
} else {
wait(Reset_Timeout_Period);
RESET_PIN = HIGH; // Processor starts executing code
}
```
---
### 4. Common Applications
* **Battery-Powered Equipment:** Due to the nano-ampere current consumption, it is ideal for wearables and IoT sensors.
* **Embedded Systems:** Ensures the MCU does not start executing code until the voltage is stable.
* **Critical Controllers:** Prevents data corruption in EEPROM/Flash during sudden power loss.
---
- ⤷What is the difference between the AS1908 push-pull and open-drain variants?
- ⤷ How do I calculate the required reset timeout for a specific MCU?
- ⤷ What are the common alternatives to the AS1908 for 3.3V systems?