Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS416

  • AI
    The **AS416** is a widely recognized CMOS integrated circuit (IC) primarily used as a **4-bit Magnitude Comparator**. It is designed to compare two 4-bit binary or BCD (Binary Coded Decimal) words and determine their relative magnitude. --- ### 1. Technical Specifications The AS416 belongs to the logic family of comparators. Below are its typical electrical characteristics: | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.0V to 18V (Standard CMOS range) | | **Logic Type** | Magnitude Comparator | | **Inputs** | Two 4-bit words (A0-A3, B0-B3) | | **Outputs** | A > B, A < B, A = B | | **Propagation Delay** | ~100ns (varies by voltage) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pin Configuration and Functions The chip typically features 16 pins. The core functionality is based on comparing Word A against Word B. #### Input/Output Breakdown: * **Data Inputs:** $A_0, A_1, A_2, A_3$ and $B_0, B_1, B_2, B_3$. * **Cascading Inputs:** These allow multiple AS416 chips to be chained together to compare 8-bit, 12-bit, or larger words. * $A < B_{in}$ * $A = B_{in}$ * $A > B_{in}$ * **Decision Outputs:** * $A < B_{out}$ (High if A is less than B) * $A = B_{out}$ (High if A equals B) * $A > B_{out}$ (High if A is greater than B) --- ### 3. Logic Operation (Truth Table) The device follows a priority logic. It starts comparing from the **Most Significant Bit (MSB)**. If the MSBs are equal, it moves to the next bit down. | Comparison | $A > B$ Output | $A < B$ Output | $A = B$ Output | | :--- | :---: | :---: | :---: | | $A_3 > B_3$ | HIGH | LOW | LOW | | $A_3 < B_3$ | LOW | HIGH | LOW | | $A_3 = B_3$ and $A_2 > B_2$ | HIGH | LOW | LOW | | All Bits Equal ($A=B$) | LOW | LOW | HIGH | --- ### 4. Common Applications The AS416 is essential in digital systems where decision-making based on numerical values is required: 1. **Digital Controllers:** Comparing a sensor value against a setpoint. 2. **Frequency Analyzers:** Determining if a signal frequency is within a specific range. 3. **Processors:** Used in the Arithmetic Logic Unit (ALU) for conditional branching. 4. **Security Systems:** Comparing entered keypad codes with stored codes. --- ### 5. Implementation Example If you were to interface this with a microcontroller to check if a 4-bit DIP switch (A) matches a hardcoded value (B): ```cpp // Logic representation in pseudo-code if (A_total > B_total) { digitalWrite(LED_GREATER, HIGH); } else if (A_total < B_total) { digitalWrite(LED_LESS, HIGH); } else { digitalWrite(LED_EQUAL, HIGH); } ```
    ✨ Follow-up Questions
    • ⤷ How do you cascade two AS416 chips to compare an 8-bit number?
    • ⤷ What are the power consumption characteristics of the AS416 at 5V?
    • ⤷ What is the difference between the AS416 and the 74HC85 comparator?