Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS4CT-S12-R

  • AI
    The **AS4CT-S12-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Quartz Crystal Oscillator**. It is widely used in timing circuits to provide a precise frequency reference for microprocessors and digital systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This component is designed for compact electronic assemblies. The "S12" in the part number usually refers to its specific frequency or internal load capacitance characteristics. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Crystal Oscillator (SMD) | | **Frequency Range** | Usually 12.000 MHz (based on 'S12' designation) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Package Size** | Often 3.2mm x 2.5mm or 5.0mm x 3.2mm | | **Frequency Tolerance** | ±10 ppm to ±50 ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Load Capacitance** | 8pF to 20pF | --- ## 2. Pin Configuration and Internal Logic Quartz crystals like the AS4CT-S12-R generally feature a 2-pad or 4-pad ceramic package. In a 4-pad configuration: * **Pad 1 & 3:** Connected to the internal crystal element (Input/Output). * **Pad 2 & 4:** Connected to the metal lid/case for grounding (GND) to reduce Electromagnetic Interference (EMI). --- ## 3. Key Electronic Features * **Piezoelectric Effect:** The part operates by converting mechanical vibrations into an electrical signal at a very stable frequency. * **Low ESR (Equivalent Series Resistance):** Designed to ensure easy startup of the oscillation even in low-power microcontrollers. * **Environmental Resilience:** Features a hermetically sealed glass or seam-welded metal lid to protect the quartz blank from moisture and oxidation. --- ## 4. Common Applications The AS4CT-S12-R is found in various digital circuits where "clocking" is required: 1. **Microcontrollers (MCU):** Providing the heartbeat for ARM Cortex or PIC chips. 2. **USB Interfaces:** Maintaining timing for high-speed data transfers. 3. **Wireless Modules:** Used in Bluetooth or Wi-Fi modules for carrier frequency stability. 4. **Consumer Electronics:** Wearables, smart home devices, and tablets. --- ## 5. Circuit Implementation Example In a standard Pierce Oscillator circuit, the crystal is placed between the `XTAL_IN` and `XTAL_OUT` pins of an IC with two load capacitors ($C_1, C_2$). ```c // Schematic Logic Representation [MCU_XTAL_IN] ----+---- [AS4CT-S12-R] ----+---- [MCU_XTAL_OUT] | | [C1] [C2] | | [GND] [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the S12 variant in this series?
    • ⤷ How do I calculate the correct load capacitors for the AS4CT-S12-R?
    • ⤷ What are the footprint dimensions for the PCB layout of this part?