Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS4CT-S13-R/Q

  • AI
    The **AS4CT-S13-R/Q** is a specialized electronic component, typically categorized as a **MEMS (Micro-Electro-Mechanical Systems) Pressure Sensor**. These sensors are designed to detect atmospheric or liquid pressure and convert it into an electrical signal. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical characteristics found in the AS4CT series sensors: | Feature | Description | | :--- | :--- | | **Component Type** | Piezoresistive Pressure Sensor | | **Output Type** | Analog (R-series) or Digital (Q-series) | | **Pressure Range** | Commonly 0 to 1.3 Bar (Standard atmospheric range) | | **Supply Voltage** | Typically 1.8V to 3.6V | | **Interface** | I2C or SPI (for Digital versions) | | **Package** | Surface Mount Device (SMD) | --- ### 2. Functional Principles The device operates on the **Piezoresistive effect**. Inside the small package, there is a silicon diaphragm with integrated resistors. 1. **Pressure Application:** When air or liquid pressure hits the diaphragm, it bends slightly. 2. **Resistance Change:** This mechanical deformation changes the electrical resistance of the bridge circuit. 3. **Signal Conversion:** * **Analog (R):** The voltage change is amplified and sent directly to an ADC on your microcontroller. * **Digital (Q):** An internal ASIC (Application Specific Integrated Circuit) converts the analog signal into a binary value readable via I2C/SPI. --- ### 3. Key Applications * **Altimeters:** Used in drones and wearables to calculate height based on barometric pressure changes. * **Weather Stations:** Measuring localized atmospheric pressure for weather forecasting. * **Industrial Sensing:** Monitoring gas or liquid pressure in confined systems. * **Smartphones:** Helping with GPS indoor positioning (floor detection). --- ### 4. Implementation Example (Digital Communication) If you are using the digital variant (Q), communication with a microcontroller (like Arduino or ESP32) usually follows this logic: ```cpp // Pseudocode for reading pressure data via I2C void setup() { I2C.begin(SENSOR_ADDRESS); } void loop() { // 1. Send command to trigger measurement I2C.write(0xAC); // 2. Wait for conversion time (approx 5-10ms) delay(10); // 3. Read 3 bytes (Pressure Data) uint32_t raw_pressure = I2C.read(3); // 4. Calculate actual pressure using factory calibration coefficients float pressure_hpa = calculatePressure(raw_pressure); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout for the SMD package of the AS4CT sensor?
    • ⤷ Does the AS4CT-S13 include an internal temperature compensation sensor?
    • ⤷ What are the primary differences between the 'R' and 'Q' suffixes regarding circuit design?