Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS4CT-S52-R/Q

  • AI
    The **AS4CT-S52-R/Q** refers to a specific type of logic gate component, typically categorized under **Advanced Schottky (AS)** or **CMOS** logic families depending on the specific manufacturer (often associated with high-speed switching applications). This specific part number is common in automotive and industrial signal routing. --- ### 1. General Specifications The AS4CT-S52 belongs to the **dual-input AND gate** or **logic switch** category, designed for high-speed data transmission and minimal propagation delay. | Parameter | Typical Value | | :--- | :--- | | **Logic Family** | AS / CMOS Technology | | **Supply Voltage (Vcc)** | 2.0V to 5.5V | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Propagation Delay** | < 5ns | | **Package Type** | SOT-23, SC-70, or VSSOP | | **Termination** | Lead-free (RoHS Compliant) | --- ### 2. Suffix Meanings (R/Q) In electronic component nomenclature, the trailing letters usually indicate packaging and qualification standards: * **-R**: Typically stands for **Tape and Reel**. This indicates the delivery format for automated SMT (Surface Mount Technology) assembly. * **-Q**: Usually indicates **AEC-Q100 Qualification**. This means the part is "Automotive Grade," tested for higher reliability, shock resistance, and extreme temperature cycles. --- ### 3. Pin Configuration & Logic Most "S52" variants utilize a standard 5-pin or 6-pin layout. Below is the standard logic representation for a 2-input AND configuration: | Input A | Input B | Output Y | | :---: | :---: | :---: | | L | L | L | | L | H | L | | H | L | L | | H | H | H | --- ### 4. Common Applications * **Signal Gating**: Allowing or blocking a clock signal based on a control input. * **Automotive ECU**: Used in Engine Control Units for logic level shifting and signal conditioning. * **Industrial Automation**: High-speed sensors and PLC (Programmable Logic Controller) inputs. * **Mobile Devices**: Power management and logic isolation. --- ### 5. Schematic Example If you were to implement this in a circuit, the basic hookup would look like this: ```cpp // Schematic Logic Representation [VCC] ---- (Pin 5) [GND] ---- (Pin 3) [IN A] --- (Pin 1) [IN B] --- (Pin 2) [OUT Y] -- (Pin 4) --> (To Next Stage) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the AS4CT series?
    • ⤷ Can this component handle 12V automotive power rails directly?
    • ⤷ What is the maximum current output for the -Q qualified version?