Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS4LC-S32-R/Q

  • AI
    The **AS4LC-S32-R/Q** is a high-speed CMOS Dynamic Random Access Memory (DRAM) component typically utilized in legacy computing systems, industrial controllers, and embedded devices. --- ### 1. General Specifications This part belongs to a family of Synchronous DRAM (SDRAM) or specialized DRAM architectures depending on the specific manufacturer suffix (often associated with brands like Alliance Semiconductor). | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 32 Megabits (Mb) | | **Configuration** | Likely 1M x 32 or 2M x 16 (Architecture dependent) | | **Technology** | CMOS Low Power | | **Voltage Supply** | Typically 3.3V | | **Interface** | LVTTL Compatible | | **Package Type** | TSOP (Thin Small Outline Package) or QFP | --- ### 2. Key Features and Operation The "R/Q" suffix usually denotes specific temperature grades or packaging variations (Commercial vs. Industrial). * **High Speed:** Designed for synchronous operation with system clocks, allowing for high data transfer rates. * **Refresh Cycles:** Requires periodic refreshing of data (standard for DRAM technology) to maintain charge in the capacitors. * **Low Power Consumption:** Optimized for battery-operated or heat-sensitive environments. * **Burst Mode:** Supports multiple data word transfers from a single address command. --- ### 3. Pinout Functions (Common for SDRAM) While the exact pin mapping depends on the package, the functional groups are as follows: | Pin Group | Function | | :--- | :--- | | **A0 - A11** | Address Inputs used to select rows and columns. | | **DQ0 - DQ31** | Data Inputs/Outputs for bi-directional data flow. | | **CLK** | System Clock input; all signals are sampled on the rising edge. | | **CS#** | Chip Select; activates the device when pulled low. | | **WE#** | Write Enable; determines if the operation is a Read or Write. | | **VDD/VSS** | Power supply (3.3V) and Ground pins. | --- ### 4. Application Use Cases * **Embedded Systems:** Used as main memory for microcontrollers requiring more RAM than internal SRAM provides. * **Networking Gear:** Buffering for routers and switches. * **Legacy PC Components:** Found in older VGA cards or sound processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact access time (latency) for this specific DRAM model?
    • ⤷ Are there modern pin-compatible replacements for the AS4LC-S32 series?
    • ⤷ How does the 'R' suffix specifically differ from the 'Q' suffix in Alliance Semiconductor parts?