Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS4V-S15-R/UL

  • AI
    The **AS4V-S15-R/UL** is a high-precision, industrial-grade **Current Transducer** (often referred to as a Current Sensor). It is designed to measure DC, AC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic control). --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AS4V-S15-R/UL: | Parameter | Specification | | :--- | :--- | | **Nominal Current ($I_{pn}$)** | 15 A | | **Measuring Range** | 0 to ±36 A (Peak) | | **Secondary Output** | Voltage Output (typically 2.5V ± 0.625V) | | **Supply Voltage ($V_c$)** | +5V DC (±5%) | | **Accuracy** | ±0.7% at +25°C | | **Technology** | Closed Loop Hall Effect / Fluxgate | | **Mounting Type** | PCB (Through-hole) | | **Standards** | UL Recognized (UL 508) | --- ### 2. Functional Components To understand the electronic parts of this device, we must look at its internal architecture: 1. **Primary Conductor:** A low-resistance copper path where the current to be measured flows. 2. **Magnetic Core:** A high-permeability ring that concentrates the magnetic flux generated by the primary current. 3. **Hall Effect Element / Fluxgate Sensor:** Positioned in the air gap of the core to detect magnetic field density. 4. **Secondary Compensation Coil:** In closed-loop variants, this coil generates an opposing magnetic field to maintain "zero flux" in the core, ensuring high linearity. 5. **Signal Processing ASIC:** An internal Integrated Circuit that handles temperature compensation, amplification, and voltage regulation. --- ### 3. Key Features and Advantages * **Galvanic Isolation:** High dielectric strength between the high-current side and the low-voltage electronics (usually 3kV to 5kV). * **Low Temperature Drift:** Designed to remain accurate across a wide temperature range (typically -40°C to +85°C). * **High Bandwidth:** Capable of responding to fast-switching signals, making it ideal for modern power electronics. * **Ratiometric Output:** The output voltage is proportional to the supply voltage, which simplifies integration with Microcontrollers (MCUs) and Analog-to-Digital Converters (ADCs). --- ### 4. Typical Applications The AS4V-S15-R/UL is commonly found in the following systems: * **Variable Speed Drives (VFDs):** Monitoring motor current. * **Solar Inverters:** Tracking DC string current or AC output. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and load balancing. * **Welding Equipment:** Precise control of high-current output.
    ✨ Follow-up Questions
    • ⤷ How do I wire the secondary output to an Arduino or ESP32?
    • ⤷ What is the difference between Open Loop and Closed Loop Hall Effect sensors?
    • ⤷ Are there specific decoupling capacitor requirements for the 5V supply pin?