Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AS50-R18K-RC

  • AI
    The **AS50-R18K-RC** is a precision power resistor, typically part of the **AS Series** manufactured by companies like Ohmite or Stackpole. These resistors are designed for high-reliability applications, featuring an anti-surge design and high power-to-size ratios. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific technical attributes of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **AS50** | Series/Power | Indicates the AS Series, typically rated for **50 Watts** (with proper heatsinking). | | **R18** | Resistance Value | The "R" acts as a decimal point. **0.18 Ohms** ($\Omega$). | | **K** | Tolerance | Represents **±10%** accuracy. | | **RC** | Compliance | Indicates **RoHS Compliant** (lead-free). | --- ### 2. Key Technical Specifications While exact specs can vary by manufacturer, a standard AS50-R18K-RC typically follows these parameters: * **Resistance:** 0.18 $\Omega$ (Low resistance, often used for current sensing). * **Power Rating:** 50 Watts (Note: This usually requires an aluminum chassis mount for heat dissipation). * **Type:** Wirewound or Thick Film (Wirewound is more common for the "AS" anti-surge designation). * **Temperature Coefficient:** Typically $\pm$100 ppm/°C to $\pm$200 ppm/°C. * **Dielectric Strength:** Often rated for 1,000V - 2,500V AC depending on insulation. --- ### 3. Physical Construction These parts are engineered to withstand harsh electrical environments: 1. **Encapsulation:** Usually molded in a silicone or epoxy compound or housed in an aluminum gold-anodized chassis. 2. **Core:** Ceramic or steatite rod for high thermal conductivity. 3. **Terminals:** Solder-coated copper or brass lugs/leads. --- ### 4. Typical Applications Due to its low resistance and high power capacity, this part is used in: * **Inrush Current Limiting:** Protecting circuits from sudden power spikes. * **Current Sensing:** Measuring voltage drops across the resistor to determine current flow in power supplies. * **Braking Resistors:** Used in small motor control circuits to dissipate regenerative energy. * **Power Supplies:** Serving as a bleeder resistor or load balancer. --- ### 5. Installation Note > [!IMPORTANT] > To achieve the full **50W rating**, this component must be mounted to a metal surface (heatsink) using thermal grease. Without a heatsink, the power rating may drop significantly (often to 10W or less) to prevent overheating.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the AS50 series?
    • ⤷ How does a ±10% tolerance affect current sensing accuracy?
    • ⤷ Does this resistor require a specific type of thermal paste for mounting?