Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ASL360

  • AI
    The **ASL360** (Around View Monitoring) system is an advanced driver-assistance system (ADAS) that provides a 360-degree bird's-eye view of a vehicle. This is achieved through the integration of high-definition optics, specialized image processing hardware, and high-speed data transmission. --- ### 1. Core Electronic Components The system relies on four primary electronic subsystems to function: | Component | Description | Function | | :--- | :--- | :--- | | **Wide-Angle Cameras** | 4 High-resolution (720p/1080p) fish-eye lenses. | Captures raw visual data from Front, Rear, Left, and Right. | | **ECU (Processing Unit)** | The "Brain" of the system using an ARM or DSP chip. | Performs image stitching, distortion correction, and blending. | | **LVDS Cables** | High-speed Low-Voltage Differential Signaling. | Transfers video data from cameras to the ECU with zero latency. | | **CAN-Bus Interface** | Connection to the vehicle's internal network. | Triggers the system via Reverse gear signal or turn signals. | --- ### 2. Processing Pipeline The electronics must process data in real-time (usually under 30ms) to ensure driver safety. 1. **Image De-warping:** The ECU uses geometric algorithms to flatten the circular "fish-eye" images captured by the lenses. 2. **Brightness/Color Balancing:** Adjusts the exposure of each camera so the combined image looks like a single continuous view. 3. **3D Rendering:** The electronic control unit maps the 2D images onto a 3D model of the car, allowing for rotatable "third-person" views. --- ### 3. Hardware Specifications (Typical) ```json { "Input_Voltage": "9V - 16V DC", "Operating_Current": "< 500mA", "Video_Output": "AHD / CVBS / HDMI", "Resolution": "1280x720 (Standard) or 1920x1080 (HD)", "Storage": "Support for microSD or USB (for DVR functionality)", "Sensors": "Sony Starvis / CMOS low-light sensors" } ``` --- ### 4. Integration with Vehicle Electronics The ASL360 system is not standalone; it communicates with other parts of the car: * **OBDII/CAN-Bus:** Receives steering wheel angle data to display "dynamic parking lines" that curve as you turn. * **Display Unit:** Connects to the head unit (Android or Factory screen) via RCA or digital video pins.
    ✨ Follow-up Questions
    • What is the difference between AHD and CVBS signals in 360 systems?
    • How does the ECU handle the 'blind spots' between the four cameras?
    • Can ASL360 systems be integrated into older vehicles without CAN-Bus?