Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ASM162JEUSSLASHT

  • AI
    The part number **ASM162JEUSSLASHT** refers to a specific configuration of a high-speed signal switch, typically manufactured by **ASMedia Technology**. These components are widely used in computing and consumer electronics to handle data switching for modern interfaces. --- ### 1. Component Overview The ASM162 is primarily a **high-speed passive switch** designed for switching between differential signals. It is commonly found in motherboard designs and expansion cards to manage data routing for standards like USB, PCIe, or SATA. ### 2. Technical Specifications The following table highlights the general characteristics of the ASM162 series: | Parameter | Specification | | :--- | :--- | | **Interface Support** | USB 3.0 / 3.1 Gen 1, PCIe 2.0/3.0, SATA | | **Data Rate** | Up to 5 Gbps / 8 Gbps | | **Configuration** | 2-to-1 or 1-to-2 Differential Switch | | **Operating Voltage** | Typically 3.3V | | **Package Type** | QFN (Quad Flat No-lead) | | **Main Function** | High-speed signal multiplexing/demultiplexing | --- ### 3. Key Features * **Low Insertion Loss:** Minimizes signal degradation as it passes through the switch. * **Low Crosstalk:** Ensures that signals on adjacent channels do not interfere with each other. * **High Bandwidth:** Optimized for high-frequency differential pairs used in modern data protocols. * **Bidirectional:** Can route signals in both directions (Source to Sink or Sink to Source). --- ### 4. Common Applications In a typical computer system, the ASM162 might be used for the following: 1. **USB 3.x Switching:** Routing a single USB signal path to one of two physical ports (e.g., switching between a front panel header and a rear I/O port). 2. **PCIe Lane Allocation:** Dynamically switching PCIe lanes between two different M.2 slots or expansion slots. 3. **SATA Routing:** Managing data paths between a controller and multiple storage drives. --- ### 5. Implementation Example Below is a conceptual block diagram logic of how the switch behaves in a circuit: ```text [ Controller (e.g. Chipset) ] | V [ ASM162 Switch ] / \ [ Port A ] [ Port B ] (Active) (Inactive) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the ASM162 and its successors like the ASM1543?
    • ⤷ How does the 'SLA' or 'SHT' suffix impact the ordering code (Tape & Reel vs Tray packaging)?
    • ⤷ Can this chip be used for video signal switching like DisplayPort?