Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ASM3I622S00AG-08-ST

  • AI
    ### Overview of ASM3I622S00AG-08-ST The **ASM3I622S00AG-08-ST** is a high-performance **Spread Spectrum Clock Generator (SSCG)**. It is specifically designed to reduce Electromagnetic Interference (EMI) at the source by modulating the clock signal frequency slightly. This component is widely used in digital systems to comply with EMC regulations without the need for expensive shielding. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | ON Semiconductor (now part of various legacy support lines) | | **Function** | Spread Spectrum Clock Generator | | **Input Frequency Range** | 8 MHz to 24 MHz | | **Output Frequency Range** | 8 MHz to 24 MHz (1x of Input) | | **Operating Voltage** | 3.3V ± 0.3V | | **Spread Options** | Typically -1.25% to -1.75% (Down Spread) | | **Package Type** | 8-Pin SOIC (Small Outline Integrated Circuit) | | **Operating Temperature** | 0°C to +70°C (Commercial Grade) | --- ### Key Internal Electronic Components 1. **Phase-Locked Loop (PLL):** The core of the IC. It takes the reference input (crystal or external clock) and generates a stable internal high-frequency signal. 2. **Modulation Controller:** This circuit varies the feedback divider of the PLL in a controlled manner (usually a triangular wave) to "spread" the energy of the clock frequency across a wider band. 3. **Voltage Controlled Oscillator (VCO):** Works within the PLL to adjust the output frequency based on the modulation signal. 4. **Output Driver:** Provides the necessary current to drive the clock signal across the PCB trace to the target IC (e.g., CPU, DSP, or ASIC). --- ### Functional Pins | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | CLKOUT | The modulated (spread spectrum) clock output. | | 2 | VDD | Power supply (3.3V). | | 3 | GND | Ground connection. | | 4 | XIN/CLKIN | Crystal oscillator input or external reference clock. | | 5 | XOUT | Crystal oscillator output (leave open if using external clock). | | 6 | SSON# | Spread Spectrum On/Off control (Active Low). | | 7 & 8 | Mod Pins | Configuration pins for modulation depth/frequency range. | --- ### Application Benefits * **EMI Reduction:** Can reduce peak EMI by 8dB to 15dB, depending on the system design. * **Cost Efficiency:** Reduces the need for multi-layer PCBs or metal shielding cans. * **System Stability:** Provides a "cleaner" spectral environment for sensitive analog components nearby.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Center Spread and Down Spread in this IC?
    • ⤷ Can this component be used with a 5V power supply?
    • ⤷ What are the recommended load capacitor values for the crystal input?