AI

The **ASTMUPC** series represents a high-performance family of **MEMS (Micro-Electro-Mechanical Systems) oscillators** manufactured by Abracon. These components are designed to replace traditional quartz crystals in applications requiring high reliability, compact size, and high-frequency stability.
---
### 1. Technical Overview
The ASTMUPC belongs to the "Ultra Performance" category. Unlike traditional oscillators that use a vibrating quartz crystal, these use a silicon resonator and an integrated circuit (IC) to generate frequencies.
| Feature | Specification Details |
| :--- | :--- |
| **Technology** | MEMS (Silicon-based) |
| **Output Type** | LVCMOS |
| **Frequency Range** | 1 MHz to 220 MHz |
| **Supply Voltage** | 1.8V, 2.5V, 2.8V, 3.0V, or 3.3V |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Stability** | Down to ±20 ppm |
---
### 2. Key Advantages
The "UPC" designation typically implies **Ultra-Performance Compactness/Configurability**.
* **High Frequency Stability:** They maintain precise timing even under high-vibration environments where quartz crystals might fail.
* **Programmability:** These oscillators can be factory-programmed to any frequency within their range to six decimal places.
* **Durability:** Being solid-state (silicon), they are significantly more resistant to mechanical shock and thermal expansion issues.
* **Size Efficiency:** Available in standard SMD footprints (e.g., 2.7 x 2.4mm, 3.2 x 2.5mm, 5.0 x 3.2mm, and 7.0 x 5.0mm).
---
### 3. Pin Configuration
Most ASTMUPC models follow a standard 4-pin or 6-pin layout. Below is the typical 4-pin configuration:
| Pin # | Name | Function |
| :--- | :--- | :--- |
| **1** | OE or ST | Output Enable (High = Active) or Standby |
| **2** | GND | Ground Connection |
| **3** | OUT | Clock Output Signal |
| **4** | Vdd | Supply Voltage |
---
### 4. Part Number Breakdown
Understanding the ASTMUPC part number helps in identifying the exact specifications:
```text
Example: ASTMUPC-33-25.000MHz-E-T
[Series] - [Voltage] - [Frequency] - [Stability] - [Packaging]
```
* **ASTMUPC:** Series Name.
* **33:** Voltage (3.3V).
* **25.000MHz:** Nominal Frequency.
* **E:** Stability Code (e.g., ±20ppm).
* **T:** Packaging (Tape & Reel).
---
### 5. Common Applications
Due to their low jitter and high reliability, they are commonly found in:
* **Ethernet Switches:** 10GbE, 40GbE, and 100GbE.
* **Storage Area Networks:** Fiber Channel and PCI Express.
* **Computing:** High-speed servers and RAID controllers.
* **Industrial:** Robotics and automation sensors.
- ⤷
What are the primary differences between MEMS oscillators like the ASTMUPC and traditional quartz oscillators?
- ⤷ How does the 'Output Enable' function impact power consumption in this series?
- ⤷ Which specific footprint sizes are most commonly used for ASTMUPC in modern PCB designs?