Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ASX10104-SPD-R

  • AI
    The **ASX10104-SPD-R** is a high-performance, ultra-low power **6-axis Inertial Measurement Unit (IMU)**. It is primarily designed for mobile devices, wearables, and Internet of Things (IoT) applications where power efficiency and compact size are critical. --- ### 1. Key Technical Specifications The device integrates a 3-axis accelerometer and a 3-axis gyroscope into a single CMOS IC. | Feature | Specification | | :--- | :--- | | **Sensing Axes** | 6-Axis (3-Axis Gyro + 3-Axis Accel) | | **Interface** | I2C / SPI (Serial Peripheral Interface) | | **Supply Voltage** | 1.71V to 3.6V | | **Current Consumption** | < 1mA (Full Operation) | | **Package Type** | LGA (Land Grid Array) | | **Resolution** | 16-bit ADC for all channels | --- ### 2. Functional Components The internal architecture of the ASX10104-SPD-R consists of several critical electronic stages: #### A. MEMS Sensing Element The core consists of micro-machined structures that move in response to acceleration (linear) or angular velocity (rotational). These movements change the capacitance within the sensor, which is then converted into electrical signals. #### B. Analog Front-End (AFE) - **Amplifiers:** Boost the weak signals from the MEMS elements. - **Low-Pass Filters:** Remove high-frequency noise and prevent aliasing before digitization. #### C. Analog-to-Digital Converters (ADC) It utilizes high-resolution **16-bit ADCs** to convert analog signals into digital data, ensuring high precision and sensitivity for motion tracking. #### D. Digital Logic & FIFO - **FIFO Buffer:** A built-in memory buffer (usually around 1KB to 4KB) that stores sensor data. This allows the host processor to sleep for longer periods, reducing system-wide power consumption. - **Interrupt Engine:** Includes programmable interrupts for features like "Wake-on-Motion," "Free-fall detection," and "Tap detection." --- ### 3. Application Use Cases Due to its small footprint and low power draw, this part is commonly found in: 1. **Wearables:** Smartwatches and fitness trackers for step counting and gesture recognition. 2. **Mobile Phones:** Screen rotation, UI navigation, and augmented reality (AR). 3. **Drones/Robotics:** Basic stabilization and orientation sensing. 4. **IoT Devices:** Security sensors that detect if an object has been moved or tampered with. --- ### 4. Circuit Implementation Tips * **Decoupling:** Use 0.1µF and 10µF ceramic capacitors close to the $V_{DD}$ pins to filter power supply noise. * **Layout:** Ensure the sensor is placed away from heat sources or high-frequency switching lines to prevent thermal drift and mechanical noise. * **Communication:** If using I2C, ensure pull-up resistors (typically 2.2kΩ to 4.7kΩ) are applied to the SDA and SCL lines.
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C address options for the ASX10104-SPD-R?
    • ⤷ How does the 'Wake-on-Motion' feature help in reducing battery consumption?
    • ⤷ What is the maximum G-force range selectable for the accelerometer in this model?