Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AT776-R

  • AI
    The **AT776-R** is an integrated circuit (IC) primarily designed as a **Single-Ended to Differential Amplifier/Converter**, often used in high-precision audio and signal processing applications. It is engineered to convert unbalanced signals into balanced signals with high fidelity. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AT776-R: | Parameter | Specification | | :--- | :--- | | **Function** | Single-ended to Differential Converter | | **Operating Voltage** | Typically ±5V to ±15V (Dual Supply) | | **Bandwidth** | High-speed (MHz range depending on configuration) | | **THD+N** | Extremely low (0.0001% range for audio) | | **Output Type** | Fully Differential | | **Package Type** | SOP-8 or MSOP-8 (Surface Mount) | --- ### 2. Core Internal Components The AT776-R consists of several internal electronic stages to ensure signal integrity: * **Input Buffer:** A high-impedance stage that prevents loading on the source device. * **Precision Resistor Network:** Lasertrimmed resistors inside the chip ensure highly accurate gain matching between the positive and negative output phases. * **Phase Inverter:** A high-speed operational amplifier configuration that creates a 180-degree phase-shifted version of the input. * **Common-Mode Feedback (CMFB):** A circuit that stabilizes the output common-mode voltage, making it ideal for driving high-performance Analog-to-Digital Converters (ADCs). --- ### 3. Application Use Cases Because of its precision, it is commonly found in: 1. **Professional Audio Gear:** Driving XLR balanced lines from unbalanced RCA inputs. 2. **ADC Drivers:** Providing the differential input required by modern high-resolution 24-bit/32-bit ADCs. 3. **Instrumentation:** Reducing noise in long-distance signal transmission by utilizing common-mode rejection. --- ### 4. Typical Connection Diagram In a standard configuration, the wiring follows this logic: ```text Input (Single-Ended) ----> [ PIN 3 (IN+) ] Ground ----> [ PIN 2 (IN-) ] Outputs: [ PIN 5 (OUT-) ] <---- Inverted Signal [ PIN 4 (OUT+) ] <---- Non-Inverted Signal ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the AT776-R?
    • ⤷ How does the AT776-R compare to the OPA1632 in differential applications?
    • ⤷ Can the AT776-R be used with a single-sided power supply?