Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATCA-R6155

  • AI
    The **ATCA-R6155** is a high-performance Rear Transition Module (RTM) designed for AdvancedTCA (ATCA) systems. It is primarily used to extend the I/O capabilities of a front-loading processor or hub blade, typically used in telecommunications, defense, and high-computing environments. --- ## 1. Core Hardware Specifications The ATCA-R6155 is designed to interface with specific host blades (often ADLINK or similar manufacturers) via the Zone 3 connector. | Component | Specification / Type | | :--- | :--- | | **Form Factor** | ATCA Rear Transition Module (RTM) | | **Connectivity Interface** | Zone 3 (Proprietary to the front blade) | | **Network Interface** | Multiple 10GbE (SFP+) or 1GbE ports | | **Storage Support** | Support for SAS/SATA drives or M.2 SSDs | | **Management** | IPMI 2.0 compliant (MMC - Module Management Controller) | --- ## 2. Key Electronic Features ### A. Network and I/O Connectivity The module serves as the physical breakout for the high-speed signals routed from the front blade. * **SFP+ Slots:** Usually features two or more SFP+ cages for 10GbE fiber or copper connectivity. * **Legacy I/O:** Provides standard RJ45 ports for Gigabit Ethernet, USB ports for peripherals, and Serial/Console ports (RJ45 or Micro-USB) for system debugging. ### B. Storage Architecture One of the primary functions of the R6155 is adding storage capacity without consuming front-panel space: * **Drive Bays:** Often includes a mounting bracket for a 2.5" SATA/SAS HDD or SSD. * **Hot-Swappable:** Designed to be inserted or removed while the shelf is powered, managed by the ATCA handle switch mechanism. ### C. Module Management Controller (MMC) The electronic "brain" of the RTM is the **MMC**. It communicates with the front blade's IPMC (Intelligent Platform Management Controller) to: * Monitor board voltages and temperatures. * Manage power-up sequencing. * Handle Hot-Swap events. * Store Inventory Data (FRU Information). --- ## 3. Signal Routing (Zone 3) The electronic design relies heavily on the **Zone 3 connector**. Unlike Zone 1 (Power) and Zone 2 (Data Fabric), Zone 3 is user-defined. The R6155 uses high-speed differential pairs to route PCIe, SATA, or Ethernet signals from the front processor blade to the rear I/O connectors. --- ## 4. Typical Application Use-Case | Layer | Function | | :--- | :--- | | **Physical Layer** | Provides the physical ports for external network fiber. | | **Storage Layer** | Hosts the OS boot drive or local database for the front blade. | | **Management Layer** | Allows out-of-band management of the entire slot via the console port. |
    ✨ Follow-up Questions
    • ⤷Which specific front blades are compatible with the ATCA-R6155?
    • ⤷ What are the power consumption specifications for this RTM?
    • ⤷ Does the ATCA-R6155 support NVMe storage or only SATA/SAS?