Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATCH

  • AI
    It appears you are referring to a **Latch**, which is a fundamental electronic component used for data storage and synchronization. Latches are the building blocks of sequential logic. --- ## 1. What is a Latch? A latch is a non-clocked (asynchronous) storage element. It is a bistable device, meaning it has two stable states (0 or 1). It changes state based on the levels of its inputs (High or Low) rather than a clock edge. ### Key Characteristics | Feature | Description | | :--- | :--- | | **Sensitivity** | Level-triggered (active when the enable signal is High or Low). | | **Memory** | Holds 1 bit of information. | | **Operation** | The output follows the input as long as the "Enable" pin is active (Transparent mode). | | **Components** | Built using cross-coupled logic gates (NAND or NOR). | --- ## 2. Common Types of Latches ### SR Latch (Set-Reset) The simplest type of latch. It has two inputs: **S** (Set) and **R** (Reset). * **S=1, R=0**: Output (Q) becomes 1. * **S=0, R=1**: Output (Q) becomes 0. * **S=0, R=0**: No change (Hold state). * **S=1, R=1**: Invalid/Forbidden state. ### D Latch (Data) The D Latch solves the "invalid state" problem of the SR latch by using a single data input and an Enable (E) signal. * When **E is High**: Output Q follows Input D. * When **E is Low**: Output Q holds the last value, regardless of D. --- ## 3. Latch vs. Flip-Flop While often confused, the primary difference lies in how they are triggered: | Property | Latch | Flip-Flop | | :--- | :--- | :--- | | **Triggering** | Level-Triggered (responds to a voltage level). | Edge-Triggered (responds to a change/transition). | | **Complexity** | Simpler, uses fewer gates. | More complex, usually two latches in a Master-Slave setup. | | **Timing** | Harder to predict in complex circuits. | Precise timing; ideal for synchronous systems. | --- ## 4. Implementation Example (NAND SR Latch) In digital logic, an SR Latch can be constructed using two cross-coupled NAND gates: ```text Input S' ----\___ (NAND 1) ---- Output Q / Input R' ----\___ (NAND 2) ---- Output Q' ``` --- ## 5. Applications * **Debouncing Switches:** Used to prevent mechanical switch "bounce" from creating multiple signals. * **Data Buffering:** Temporarily holding data before it is processed. * **Asynchronous Systems:** Where a global clock signal is not available or desired.
    ✨ Follow-up Questions
    • ⤷What is the difference between a transparent latch and a gated latch?
    • ⤷ How do you use a latch to debounce a mechanical switch?
    • ⤷ Why are Flip-Flops generally preferred over Latches in synchronous CPU design?