Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATE-R10

  • AI
    The **ATE-R10** is a specialized electronic component, typically categorized as a **Precision Thin Film Chip Resistor** or a **Surface Mount Device (SMD)** used in high-reliability applications. Below is a detailed breakdown of its electronic characteristics and construction. --- ## 1. Technical Specifications These parts are engineered for stability and low noise. The "R10" usually denotes a resistance value of **0.1 Ohms**, though exact specs depend on the manufacturer (e.g., Susumu or Vishay). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Thin Film Precision Resistor | | **Resistance Value** | 0.1 $\Omega$ (R10) | | **Tolerance** | $\pm 0.1\%$ to $\pm 1\%$ | | **Power Rating** | 0.1W to 0.5W (Size dependent) | | **TCR (Temp. Coefficient)** | $\pm 25 \text{ ppm/}^\circ\text{C}$ to $\pm 100 \text{ ppm/}^\circ\text{C}$ | | **Operating Temp** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | --- ## 2. Electronic Construction The ATE-R10 utilizes **Thin Film technology**, which distinguishes it from cheaper thick-film resistors. ### Internal Layers * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic base for thermal dissipation. * **Resistive Element:** A sputtered metal film (often Nickel-Chromium) that ensures precise resistance levels. * **Passivation:** A protective glass or epoxy layer that shields the resistive element from moisture and oxidation. * **Terminations:** Multi-layer end-caps consisting of Chromium, Nickel, and a Tin (Sn) finish for excellent solderability. --- ## 3. Key Electronic Features * **Low Inductance:** Due to the thin-film deposition, these parts exhibit very low parasitic inductance, making them ideal for high-frequency circuits. * **Current Sensing:** Because of the low resistance value (0.1Ω), the R10 is frequently used as a **shunt resistor** to measure current flow by monitoring the voltage drop across it ($V = I \times R$). * **Pulse Handling:** These components are designed to withstand brief surges in current without thermal runaway. --- ## 4. Typical Applications The ATE-R10 series is commonly found in the following electronic environments: 1. **Power Management:** DC-DC converters and battery management systems (BMS). 2. **Audio Circuits:** Low-noise signal paths where thermal stability is critical. 3. **Automotive Electronics:** Sensors and control units requiring high reliability under temperature fluctuations. 4. **Industrial Instrumentation:** High-precision measurement devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin-film and thick-film resistors in this context?
    • ⤷ How do I calculate the power dissipation for an ATE-R10 in a current sensing circuit?
    • ⤷ Are there specific soldering footprints recommended for the ATE-R10 series?