Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATR-R27-4W

  • AI
    The **ATR-R27-4W** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Resistor**. Based on the part numbering convention, it belongs to the thick-film or metal-strip resistor family designed for high-density power applications. --- ### 1. Key Technical Specifications The alphanumeric code provides insights into the electrical characteristics of the component: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 27 Ohms ($27\Omega$) | Represented by the "R27" or "27" in the part number. | | **Power Rating** | 4 Watts (4W) | The maximum power the resistor can dissipate without damage. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Tolerance** | Typically $\pm1\%$ or $\pm5\%$ | Depends on the specific manufacturer sub-series. | | **Operating Temp** | -55°C to +155°C | Standard industrial/automotive range. | --- ### 2. Physical Construction These resistors are built to handle significantly higher power than standard 0805 or 1206 resistors. * **Substrate:** High-purity alumina ceramic for superior heat dissipation. * **Resistive Element:** Thick film paste or metal alloy strip. * **Termination:** Lead-free (Sn) plating over nickel barrier to prevent "leaching" during soldering. * **Form Factor:** Usually a wide-terminal or oversized SMD package (e.g., 2512 or 4320 equivalent) to manage the 4W heat load. --- ### 3. Common Applications Due to the **4-Watt** power rating, this component is used in circuits where current flow generates substantial heat: 1. **Current Sensing:** Measuring current flow in power supplies by monitoring the voltage drop across the $27\Omega$ resistance. 2. **LED Drivers:** Used as a ballast resistor to limit current to high-power LED arrays. 3. **Snubber Circuits:** Absorbing transient voltage spikes in switching power supplies (SMPS). 4. **Inrush Current Limiting:** Protecting sensitive components during the initial power-up phase of a device. --- ### 4. Comparison Table: Standard vs. High Power | Feature | Standard Resistor (e.g., 1206) | ATR-R27-4W | | :--- | :--- | :--- | | **Power Rating** | 0.25W | 4.0W | | **Heat Management** | Ambient air cooling | Requires thermal pads/large copper traces | | **Size** | Small ($3.2 \times 1.6$ mm) | Large (High-dissipation package) | --- ### 5. Installation Note When using a **4W resistor**, the PCB layout is critical. Because it dissipates 4 Watts of energy as heat, engineers must: * Use wide copper traces to act as "heat sinks." * Ensure adequate spacing from heat-sensitive components (like electrolytic capacitors). * Consider thermal vias to move heat to internal PCB layers.
    ✨ Follow-up Questions
    • ⤷What is the physical package size (footprint) for the ATR-R27-4W?
    • ⤷ How do I calculate the maximum current this resistor can handle?
    • ⤷ Are there wirewound alternatives for this specific resistance and wattage?