ATS-01B-173-C3-R0
AI

The **ATS-01B-173-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components like CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 30.00mm |
| **Thermal Resistance** | 4.91°C/W (at 100 LFM) |
| **Attachment Method** | Push-pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. pushPIN™ Mounting System
The part uses a specialized "push-pin" mechanism. This is critical for electronics because it ensures **consistent pressure** across the component surface, which optimizes heat transfer and prevents the PCB from warping.
#### B. Thermal Interface Material (T412)
The "C3" in the part number indicates the specific thermal interface material. **T412** is a high-performance thermal pad that fills microscopic air gaps between the heat source and the heat sink, significantly lowering thermal resistance.
#### C. Fin Design (Cross-Cut)
The heat sink features a **straight-fin** or cross-cut geometry. In electronics, this design is ideal for systems with forced-air cooling (fans), as it maximizes surface area while maintaining a manageable pressure drop.
---
### 3. Application Use Cases
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Used on high-speed data chips that generate significant heat in tight enclosures.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Comparison of Thermal Resistance (Airflow Dependent)
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 4.91 |
| 300 | 1.5 | 2.13 |
| 500 | 2.5 | 1.63 |
| 700 | 3.5 | 1.41 |
- ⤷
What is the difference between Blue Anodized and Gold Anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Are there alternative mounting options if push-pins are not compatible with my PCB?