Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-01F-142-C2-R0

  • AI
    The **ATS-01F-142-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions Inc. It is designed specifically for electronic components that require efficient thermal management to prevent overheating. --- ### 1. Technical Specifications The following table summarizes the physical and thermal properties of this specific part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Thermal Resistance** | 1.18°C/W (@ 100 LFM) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm | | **Pin Pitch** | 35.00mm | --- ### 2. Key Electronic Functions While the heat sink itself is a mechanical component, it serves critical functions within an electronic circuit: 1. **Thermal Dissipation**: It increases the surface area of a heat-generating component (like a CPU, GPU, or MOSFET), allowing the heat to transfer more efficiently into the surrounding air. 2. **Reliability Enhancement**: By keeping the junction temperature ($T_j$) of semiconductors within safe limits, it prevents thermal runaway and extends the lifespan of the electronics. 3. **Passive Cooling**: It uses a "Fine Pitch" fin design that works effectively in both natural convection and forced-air (fan) environments. --- ### 3. Mounting Mechanism (pushPIN™) The "R0" at the end of the part number indicates the specific mounting hardware used. The **pushPIN™** system is designed for: * **Uniform Pressure**: Ensures the thermal interface material (TIM) is compressed evenly across the component. * **Easy Installation**: Uses a spring-loaded pin that snaps into pre-drilled holes on the PCB. * **Secure Attachment**: Provides high vibration resistance, making it suitable for industrial or automotive electronics. --- ### 4. Application Examples * **Embedded Systems**: Cooling microcontrollers and SoCs. * **Power Supplies**: Managing heat for voltage regulators. * **Telecommunications**: Cooling high-speed data processing chips.
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate the required thermal resistance for my specific chip?
    • ⤷ What type of Thermal Interface Material (TIM) is recommended for the ATS-01F series?