Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-01F-151-C2-R0

  • AI
    The part number **ATS-01F-151-C2-R0** refers to a high-performance **Heatsink** manufactured by Advanced Thermal Solutions (ATS). This component belongs to the "blueICE" series, specifically designed for cooling electronic components like BGA (Ball Grid Array) packages. ### 1. Technical Specifications The following table summarizes the core electronic and physical attributes of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 3.93°C/W (Unducted Flow @ 100 LFM) | | **Dimensions** | 35mm x 35mm x 20mm | | **Finish** | Blue Anodized | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature that describes its physical build: * **ATS**: Prefix for Advanced Thermal Solutions. * **01**: Series identification. * **F**: Fin style/pitch. * **151**: Specific dimension/model code. * **C2**: Material and Finish (typically Aluminum with Blue Anodized finish). * **R0**: Revision or RoHS compliance status. --- ### 3. Key Electronic Functions While a heatsink is a mechanical part, its role in an electronic circuit is critical for **Thermal Management**: 1. **Heat Dissipation**: It transfers heat generated by semiconductors (CPUs, GPUs, FPGAs) into the surrounding air to prevent thermal throttling or hardware failure. 2. **Increased Surface Area**: The fin design maximizes the contact area with the air, enhancing convective cooling. 3. **EMI Shielding (Incidental)**: While not its primary purpose, a grounded metal heatsink can sometimes assist in reducing electromagnetic interference for the chip it covers. 4. **Pressure Management**: The "Push-Pin" mechanism ensures consistent downward pressure on the electronic component, ensuring the Thermal Interface Material (TIM) fills all microscopic gaps for optimal heat transfer. --- ### 4. Installation and Mounting The **Push-Pin** system is designed for quick and secure mounting to a Printed Circuit Board (PCB). It typically requires pre-drilled holes in the PCB and uses a compression spring to maintain even pressure across the surface of the electronic chip.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the T766 Thermal Interface Material in this part?
    • ⤷ How does the air flow rate (LFM) affect the thermal resistance of this heatsink?
    • ⤷ Can this heatsink be used for high-power FPGA cooling?