Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-01F-184-C2-R0

  • AI
    The **ATS-01F-184-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications The part number encodes specific physical and thermal characteristics: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 4.14°C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 40mm x 40mm x 25mm | | **Fin Style** | Straight Fin | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Component Breakdown #### A. The Heat Sink Body * **Material:** The use of aluminum provides a balance between weight and thermal conductivity. * **Fin Profile:** The straight fin design is optimized for high-airflow environments where a fan or ducting pushes air through the fins to dissipate heat. #### B. Mounting Mechanism (Push-Pin) * The **"R0"** in the part number indicates the specific mounting kit. It uses a plastic push-pin with a brass spring. * **Advantages:** It provides consistent pressure on the high-heat component, improving thermal transfer without the need for tools. #### C. Thermal Interface Material (TIM) * The unit comes with **T766** pre-applied to the base. This is a "Phase Change" or high-performance pad that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance. --- ### 3. Usage Context This specific electronic part is typically found in: 1. **Telecommunications:** Cooling networking switches or routers. 2. **Industrial PCs:** Maintaining stable temperatures for embedded processors. 3. **Power Electronics:** Managing heat for MOSFETs or high-speed voltage regulators. --- ### 4. Part Number Decoder | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Manufacturer) | | **01F** | Push-pin attachment type | | **184** | Specific fin geometry and size code | | **C2** | Blue Anodized Finish | | **R0** | RoHS compliant / specific mounting hardware |
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this heat sink at natural convection?
    • ⤷ How does the T766 thermal interface material compare to standard thermal paste?
    • ⤷ Are there alternative mounting options for this specific heat sink size?