Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-01F-52-C3-R0

  • AI
    The **ATS-01F-52-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number reveals specific physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 10.88°C/W (Natural Convection) | | **Dimensions (L x W x H)** | 35mm x 35mm x 25mm | | **Thermal Interface Material (TIM)** | T412 (Pre-applied) | --- ### 2. Functional Components #### A. The Fin Array The device utilizes a **Straight Fin** design. This structure maximizes the surface area exposed to the surrounding air, allowing for efficient heat transfer from the base of the heat sink to the environment through convection. #### B. Push-Pin Attachment Mechanism Instead of using adhesive or screws, this part uses a **Push-Pin** system. * **Ease of Install:** Allows for quick, tool-less assembly onto a PCB. * **Constant Pressure:** The integrated springs ensure consistent downward force on the component, which optimizes the contact between the heat sink and the chip. #### C. Thermal Interface Material (TIM) The **"C3"** in the part number indicates that it comes with **T412** thermal tape or grease pre-applied. * **Purpose:** It fills microscopic air gaps between the electronic component and the heat sink base. * **Efficiency:** T412 is a high-performance phase-change material that reduces thermal impedance. --- ### 3. Usage Context This heat sink is typically used in: * **Telecommunications:** Cooling chips in routers and switches. * **Embedded Systems:** For industrial PCs where space is limited but heat density is high. * **Power Supplies:** Cooling voltage regulators or MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate if the 10.88°C/W thermal resistance is sufficient for my specific chip?
    • ⤷ What are the benefits of Blue Anodizing over a plain aluminum finish?
    • ⤷ Are there different spring tensions available for the push-pin mechanism?