Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-01F-77-C3-R0

  • AI
    The **ATS-01F-77-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "push pin" series. ### 1. General Specifications This part is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Base Part Number** | ATS-01F-77-C3-R0 | | **Type** | Board Level Heat Sink | | **Attachment Method** | Push-Pin (Brass) | | **Material** | Aluminum | | **Finish** | Blue Anodized | --- ### 2. Thermal & Physical Characteristics The efficiency of this part is determined by its geometry and the airflow provided within the electronic enclosure. * **Thermal Resistance:** * **Natural Flow:** High resistance (requires active cooling for best performance). * **Forced Flow:** Performance improves significantly at 100 LFM to 800 LFM (Linear Feet per Minute). * **Dimensions:** * **Length/Width:** 25mm x 25mm * **Height:** 20mm (Provides a large surface area in a small footprint). * **Fin Style:** Straight Fin (Optimized for unidirectional airflow). --- ### 3. Electronic Application & Mounting To use this part in an electronic circuit design, engineers must consider the mechanical integration on the PCB. #### Mounting Mechanism: Push-Pins The "R0" suffix indicates a specific mounting configuration using brass push-pins and springs. * **Hole Pattern:** Requires pre-drilled holes in the PCB. * **Interface Material:** Usually comes with a **Thermal Interface Material (TIM)** pre-applied to the base to ensure there are no air gaps between the heat sink and the electronic chip. #### Common Target Components * Field Programmable Gate Arrays (FPGAs) * Application-Specific Integrated Circuits (ASICs) * Power Management Integrated Circuits (PMICs) --- ### 4. Technical Drawing Concept ```text [ Fin Array ] <-- Dissipates heat to air _____________ | | | Base Plate | <-- Absorbs heat from chip |_____________| | | <-- Push-Pins (Spring Loaded) PCB SURFACE ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance value of this heat sink at 200 LFM airflow?
    • ⤷ Can this heat sink be used with adhesive tape instead of push-pins?
    • ⤷ What is the difference between the C1
    • ⤷ C2
    • ⤷ and C3 material versions for this part?