Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-01G-63-C2-R0

  • AI
    The **ATS-01G-63-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed specifically for electronic components like BGAs (Ball Grid Arrays) to manage heat dissipation in confined spaces. --- ## 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part: | Characteristic | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 40mm x 40mm x 20mm | | **Fin Style** | Straight (Push-Pin Design) | | **Thermal Resistance** | 2.85°C/W @ 1.0 m/s (approx.) | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | --- ## 2. Key Features * **Aluminum Construction:** Offers a high thermal conductivity-to-weight ratio, ensuring efficient heat transfer from the semiconductor to the surrounding air. * **Push-Pin Attachment:** Features a reliable mounting mechanism using plastic push-pins and springs. This ensures constant pressure (load) on the component for maximum thermal interface contact. * **Pre-Applied Thermal Interface Material (TIM):** Most versions come with a high-performance thermal pad or phase-change material pre-applied to the base, reducing assembly time. * **Directional Airflow:** The straight-fin design is optimized for environments where there is a clear, directional path for airflow (e.g., inside a server chassis or telecom rack). --- ## 3. Electronic Application This part is typically used for cooling high-power semiconductors. Common applications include: 1. **FPGA/ASIC Cooling:** For high-speed data processing units that generate significant heat. 2. **Microprocessors:** In industrial embedded systems. 3. **Network Switches:** Used on the main processing chips to prevent thermal throttling. 4. **Power Electronics:** For cooling high-voltage regulators or converters. --- ## 4. Part Number Breakdown (Nomenclature) Understanding the code helps in identifying the series: * **ATS:** Advanced Thermal Solutions (Manufacturer). * **01G:** Product Series / Geometry. * **63:** Specific size/footprint identifier. * **C2:** Material/Finishing code (Blue Anodized). * **R0:** Revision or RoHS compliance status.
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole spacing for the push-pin mounting on this heat sink?
    • ⤷ Can this heat sink be used with a fan for active cooling?
    • ⤷ What is the recommended thermal interface material for the ATS-01G series?