Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ATS-02A-82-C2-R0

  • AI
    The **ATS-02A-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide maximum surface area for cooling electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal properties of the part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Thermal Resistance** | 10.79°C/W (at 1.0 m/s airflow) | | **Fin Style** | Tapered (maxiFLOW™) | | **Weight** | ~40.0 grams | --- ### 2. Key Components & Design Features #### A. The Heat Sink Body (Tapered Fins) The "maxiFLOW" design uses a specialized fin pattern that is wider at the base and tapers toward the top. This geometry: * Reduces pressure drop across the heat sink. * Increases the amount of air that enters the fin field. * Optimizes heat dissipation in constrained airflow environments. #### B. pushPIN™ Attachment System This part uses a mechanical fastening system consisting of: * **Plastic/Brass Pins:** Inserted through pre-drilled holes in the PCB. * **Stainless Steel Springs:** Provide precise, consistent downward pressure to ensure optimal contact between the heat sink and the electronic chip. * **Thermal Interface Material (TIM):** Usually comes pre-applied with high-efficiency thermal grease (often ATS-54) on the base. #### C. Material & Coating * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodization:** Not only provides a professional aesthetic but also adds a layer of corrosion resistance and electrical insulation to the surface. --- ### 3. Application Use Cases The ATS-02A-82-C2-R0 is typically used for cooling mid-range heat-generating components in: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Voltage regulators and power modules that require compact but efficient cooling. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific hole-to-hole mounting dimensions for this heat sink?
    • ⤷ Can the pushPIN system be replaced with adhesive thermal tape?
    • ⤷ How does the thermal resistance change at higher airflow speeds (e.g.
    • ⤷ 2.0 m/s)?